Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CY7C1563XV18 Arkusz danych(PDF) 23 Page - Cypress Semiconductor

Numer części CY7C1563XV18
Szczegółowy opis  72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1563XV18 Arkusz danych(HTML) 23 Page - Cypress Semiconductor

Back Button CY7C1563XV18 Datasheet HTML 19Page - Cypress Semiconductor CY7C1563XV18 Datasheet HTML 20Page - Cypress Semiconductor CY7C1563XV18 Datasheet HTML 21Page - Cypress Semiconductor CY7C1563XV18 Datasheet HTML 22Page - Cypress Semiconductor CY7C1563XV18 Datasheet HTML 23Page - Cypress Semiconductor CY7C1563XV18 Datasheet HTML 24Page - Cypress Semiconductor CY7C1563XV18 Datasheet HTML 25Page - Cypress Semiconductor CY7C1563XV18 Datasheet HTML 26Page - Cypress Semiconductor CY7C1563XV18 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Document Number: 001-70205 Rev. *G
Page 23 of 29
CY7C1563XV18/CY7C1565XV18
Switching Characteristics
Over the Operating Range
Parameter [29, 30]
Description
633 MHz
600 MHz
Unit
Cypress
Parameter
Consortium
Parameter
Min
Max
Min
Max
tPOWER
VDD(typical) to the first access [31]
1
1
ms
tCYC
tKHKH
K clock cycle time
1.58
8.4
1.66
8.4
ns
tKH
tKHKL
Input clock (K/K) HIGH
0.4
0.4
ns
tKL
tKLKH
Input clock (K/K) LOW
0.4
0.4
ns
tKHKH
tKHKH
K clock rise to K clock rise (rising edge to rising edge)
0.71
0.75
ns
Setup Times
tSA
tAVKH
Address setup to K clock rise
0.23
0.23
ns
tSC
tIVKH
Control setup to K clock rise (RPS, WPS)
0.23
0.23
ns
tSCDDR
tIVKH
Double data rate control setup to clock (K/K) rise (BWS0, BWS1,
BWS2, BWS3)
0.18
0.18
ns
tSD
tDVKH
D[X:0] setup to clock (K/K) rise
0.18
0.18
ns
Hold Times
tHA
tKHAX
Address hold after K clock rise
0.23
0.23
ns
tHC
tKHIX
Control hold after K clock rise (RPS, WPS)
0.23
0.23
ns
tHCDDR
tKHIX
Double data rate control hold after clock (K/K) rise (BWS0, BWS1,
BWS2, BWS3)
0.18
0.18
ns
tHD
tKHDX
D[X:0] Hold after clock (K/K) rise
0.18
0.18
ns
Output Times
tCCQO
tCHCQV
K/K clock rise to echo clock valid
0.45
0.45
ns
tCQOH
tCHCQX
Echo clock hold after K/K clock rise
–0.45
–0.45
ns
tCQD
tCQHQV
Echo clock high to data valid
0.09
0.09
ns
tCQDOH
tCQHQX
Echo clock high to data invalid
–0.09
–0.09
ns
tCQH
tCQHCQL
Output clock (CQ/CQ) HIGH [32]
0.71
0.75
ns
tCQHCQH
tCQHCQH
CQ clock rise to CQ clock rise (rising edge to rising edge) [32]
0.71
0.75
ns
tCHZ
tCHQZ
Clock (K/K) rise to high Z (active to high Z) [33, 34]
0.45
0.45
ns
tCLZ
tCHQX1
Clock (K/K) rise to low Z [33, 34]
–0.45
–0.45
ns
tQVLD
tCQHQVLD
Echo clock high to QVLD valid [35]
–0.15 0.15 –0.15 0.15
ns
PLL Timing
tKC Var
tKC Var
Clock phase jitter
0.15
0.15
ns
tKC lock
tKC lock
PLL lock time (K)
100
100
s
tKC Reset
tKC Reset
K static to PLL reset [36]
30
30
ns
Notes
29. Unless otherwise noted, test conditions are based on signal transition time of 2 V/ns, timing reference levels of 0.75 V, Vref = 0.75 V, RQ = 250
, VDDQ = 1.5 V, input
pulse levels of 0.25 V to 1.25 V, and output loading of the specified IOL/IOH and load capacitance shown in (a) of Figure 5 on page 22.
30. When a part with a maximum frequency above 600 MHz is operating at a lower clock frequency, it requires the input timings of the frequency range in which it is being
operated and outputs data with the output timings of that frequency range.
31. This part has a voltage regulator internally; tPOWER is the time that the power must be supplied above VDD(minimum) initially before a read or write operation can be
initiated.
32. These parameters are extrapolated from the input timing parameters (tCYC/2 – 80 ps, where 80 ps is the internal jitter). These parameters are only guaranteed by
design and are not tested in production.
33. tCHZ, tCLZ, are specified with a load capacitance of 5 pF as in (b) of Figure 5 on page 22. Transition is measured ± 100 mV from steady-state voltage.
34. At any voltage and temperature tCHZ is less than tCLZ.
35. tQVLD spec is applicable for both rising and falling edges of QVLD signal.
36. Hold to >VIH or <VIL.


Podobny numer części - CY7C1563XV18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY7C1563XV18-600BZXC CYPRESS-CY7C1563XV18-600BZXC Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18-633BZXC CYPRESS-CY7C1563XV18-633BZXC Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18 CYPRESS-CY7C1563XV18_12 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
More results

Podobny opis - CY7C1563XV18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY7C1563XV18 CYPRESS-CY7C1563XV18_12 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1562XV18 CYPRESS-CY7C1562XV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2563XV18 CYPRESS-CY7C2563XV18 Datasheet
614Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18 Datasheet
760Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263XV18 CYPRESS-CY7C1263XV18 Datasheet
1Mb / 30P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1161KV18 CYPRESS-CY7C1161KV18 Datasheet
881Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263KV18 CYPRESS-CY7C1263KV18_12 Datasheet
887Kb / 30P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1663KV18 CYPRESS-CY7C1663KV18 Datasheet
779Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1543KV18 CYPRESS-CY7C1543KV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com