Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CY7C1618KV18 Arkusz danych(PDF) 10 Page - Cypress Semiconductor

Numer części CY7C1618KV18
Szczegółowy opis  144-Mbit DDR II SRAM Two-Word Burst Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1618KV18 Arkusz danych(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1618KV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 10Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 11Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 12Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 13Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Document Number: 001-44274 Rev. *N
Page 10 of 32
CY7C1618KV18/CY7C1620KV18
Write Cycle Descriptions
The write cycle description table for CY7C1618KV18 follows: [8, 9]
BWS0 BWS1
K
K
Comments
L
L
L–H
During the data portion of a write sequence
CY7C1618KV18
both bytes (D[17:0]) are written into the device.
L
L
L–H During the data portion of a write sequence:
CY7C1618KV18
both bytes (D[17:0]) are written into the device.
L
H
L–H
During the data portion of a write sequence:
CY7C1618KV18
only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered.
L
H
L–H During the data portion of a write sequence
CY7C1618KV18
only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered.
H
L
L–H
During the data portion of a write sequence
CY7C1618KV18
only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered.
H
L
L–H During the data portion of a write sequence
CY7C1618KV18
only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered.
H
H
L–H
No data is written into the devices during this portion of a write operation.
H
H
L–H No data is written into the devices during this portion of a write operation.
Notes
8. X = “Don’t Care,” H = Logic HIGH, L = Logic LOW,
represents rising edge.
9. Is based on a write cycle that was initiated in accordance with the Truth Table on page 9. BWS0, BWS1, BWS2, and BWS3 can be altered on different portions of a
write cycle, as long as the setup and hold requirements are achieved.


Podobny numer części - CY7C1618KV18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY7C1618KV18-300BZXC CYPRESS-CY7C1618KV18-300BZXC Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1618KV18-333BZXC CYPRESS-CY7C1618KV18-333BZXC Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
More results

Podobny opis - CY7C1618KV18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY7C161KV18 CYPRESS-CY7C161KV18 Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1623KV18 CYPRESS-CY7C1623KV18 Datasheet
773Kb / 28P
   144-Mbit DDR-II SIO SRAM Two-Word Burst Architecture
CY7C1625KV18 CYPRESS-CY7C1625KV18 Datasheet
894Kb / 33P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1518AV18 CYPRESS-CY7C1518AV18_11 Datasheet
1Mb / 29P
   72-Mbit DDR-II SRAM Two-Word Burst Architecture
CY7C1418KV18 CYPRESS-CY7C1418KV18_12 Datasheet
1Mb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1316KV18 CYPRESS-CY7C1316KV18 Datasheet
1,019Kb / 32P
   18-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1668KV18 CYPRESS-CY7C1668KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1648KV18 CYPRESS-CY7C1648KV18 Datasheet
783Kb / 29P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1523KV18 CYPRESS-CY7C1523KV18_13 Datasheet
792Kb / 28P
   72-Mbit DDR II SIO SRAM Two-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com