Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM8616MAKS-RL Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADM8616MAKS-RL
Szczegółowy opis  Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM8616MAKS-RL Arkusz danych(HTML) 4 Page - Analog Devices

  ADM8616MAKS-RL Datasheet HTML 1Page - Analog Devices ADM8616MAKS-RL Datasheet HTML 2Page - Analog Devices ADM8616MAKS-RL Datasheet HTML 3Page - Analog Devices ADM8616MAKS-RL Datasheet HTML 4Page - Analog Devices ADM8616MAKS-RL Datasheet HTML 5Page - Analog Devices ADM8616MAKS-RL Datasheet HTML 6Page - Analog Devices ADM8616MAKS-RL Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ADM8611/ADM8616/ADM8617/ADM8618
Preliminary Technical Data
Rev. PrB | Page 4 of 7
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
1
ADM861x
RESET/RESET
GND
VCC
MR/WDI 2
4
3
TOP VIEW
(Not to Scale)
Table 4. Pin Functional Descriptions
Pin No.
Name
Description
1
RESET (ADM8616/ADM8617)
Active-Low Reset Output, which is asserted whenever VCC is below the reset.threshold, VTH.
Push-Pull Output Stage for ADM8616.
Open-Drain Output Stage for ADM8617.
RESET (ADM8618)
Active-High, Push-Pull Reset Output.
2
MR (ADM8611)
Manual Reset Input. This is an active-low input which, when forced low for at least 1µs,
generates a reset.
Features a 52k
internal pull-up.
WDI
(ADM8616/ADM8617/ADM8618)
Watchdog Input. Generates a reset if the logic level on the pin remains low or high for the
duration of the watchdog timeout. The timer is cleared if a logic transition occurs on this
pin or if a reset is generated. Leave floating to disable the watchdog timer.
3
GND
Ground
4
VCC
Power Supply Voltage being Monitored.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - ADM8616MAKS-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM8616MCYAKSZ-RL72 AD-ADM8616MCYAKSZ-RL72 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
More results

Podobny opis - ADM8616MAKS-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM8616 AD-ADM8616_07 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM8616 AD-ADM8616_15 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM8617 AD-ADM8617_15 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM823 AD-ADM823_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM823 AD-ADM823 Datasheet
180Kb / 10P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev.PrB
ADM825TYRJ-R7 AD-ADM825TYRJ-R7 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. D
ADM824 AD-ADM824_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM825 AD-ADM825_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM823_VC AD-ADM823_VC Datasheet
197Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. C
ADM823RYRJZ-R7 AD-ADM823RYRJZ-R7 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com