Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1500-CQR Arkusz danych(PDF) 9 Page - Gennum Corporation

Numer części GS1500-CQR
Szczegółowy opis  HDTV Serial Digital Deformatter with ANC FIFOs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1500-CQR Arkusz danych(HTML) 9 Page - Gennum Corporation

Back Button GS1500-CQR Datasheet HTML 5Page - Gennum Corporation GS1500-CQR Datasheet HTML 6Page - Gennum Corporation GS1500-CQR Datasheet HTML 7Page - Gennum Corporation GS1500-CQR Datasheet HTML 8Page - Gennum Corporation GS1500-CQR Datasheet HTML 9Page - Gennum Corporation GS1500-CQR Datasheet HTML 10Page - Gennum Corporation GS1500-CQR Datasheet HTML 11Page - Gennum Corporation GS1500-CQR Datasheet HTML 12Page - Gennum Corporation GS1500-CQR Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
GENNUM CORPORATION
522 - 33 - 00
9
3. STANDARDS INDICATION
VD_STD[3:0] indicates the standard that the device has
detected. The states of VD_STD[3:0] are shown Tables 1
and 2.
Note the following in the above Standards Indication Tables:
SMPTE260M is 1125 lines/frame
SMPTE274M is 1125 lines/frame
SMPTE295M is 1250 lines/frame
SMPTE296M is 750 lines/frame
See Table 3 for more details on the source format
parameters.
4. FLY WHEEL OPERATION
The flywheel logic checks the incoming video data for valid
video lines. If the incoming data represents a valid line, the
flywheel remains in sync with the incoming data. If the
incoming data represents an invalid line, the flywheel uses
the stored timing information for the past valid line to
generate the output HVF timing signals. When three
consecutive lines having identical timing are detected, this
new timing information is saved and the flywheel operation
is updated to this new timing. Mismatches between the HVF
information decoded from the data stream and that
indicated by the flywheel will trigger the EAV_ERR and
SAV_ERR signals as shown in Figure 3. HVF output timing is
shown in Figure 2.
5. AUTOMATIC SWITCH LINE LOCK HANDLING
The automatic switch line lock is based on the assumption
that switching occurs between video sources of the same
format. In other words, the switching of video sources
causes only the H signal to be out of alignment whereas V
and F signals remain in sync. Therefore, when in the
automatic switch line lock mode (FAST_LOCK transitions for
low to high), the flywheel positive H signal transition aligns
with the detected positive H signal transition. Timing for the
FAST_LOCK signal is shown in Figure 5.
6. FIFO
The device does not flag transmission errors which might
exist in the ANC data packages. The internal FIFO is 1024
words deep for each of LUMA and CHROMA channels. For
those formats where the HANC region is greater than 1024
words, the user must take steps to ensure the FIFO does
not overflow, otherwise data may be lost. The GS1500
provides status signals to indicate the current content level
of the internal FIFO buffers, as described in section 6.1.
6.1. FIFO Status Bits
The device provides status output signals FF_STA[2:0] that
indicate the state of the current content level of the internal
FIFO buffers. If the extracted ANC data have completely
filled the internal FIFO buffer, FF_STA[2:0] outputs 110.
When the internal FIFO is full, any attempt to write data into
the FIFO will cause the FIFO to overrun. The device flags
this overrun state by setting FF_STA[2:0]=111 and no more
data will be extracted from the video stream.
If all ANC data in the FIFO is accessed by the user through
the FIFO interface and the internal FIFO becomes empty,
then FF_STA[2:0] outputs 001. When the internal FIFO is
empty, any attempt to read data from the FIFO will cause
the FIFO to under run. The device flags this under run state
by setting FF_STA[2:0]=000.
When ANC_Y/C is high, FF_STA indicates the status of the
LUMA FIFO buffer. When ANC_Y/C is low, FF_STA indicates
the status of the CHROMA FIFO buffer.
The FIFO status flags must be up-to-date. Therefore, certain
FIFO status flags are synchronized with respect to R_CLK,
and others are synchronized with respect to PCLK_IN.
During a write cycle, status flags controlled by R_CLK
experience a three-cycle latency with respect to R_CLK.
During a read cycle, status flags controlled by PCLK_IN
experience a three-cycle latency with respect to PCLK_IN.
See Table 4 and Figures 6 to 15.
TABLE 1. Progressive Scan Standards Indication (VD_STD[3]=0)
VD_STD[3:0]
DESCRIPTION
0000
720p (60 & 60/1.001Hz
→ L/M) [SMPTE296M]
0001
Reserved
0010
1080p (30 & 30/1.001Hz
→ G/H)
[SMPTE274M]
0011
Reserved
0100
1080p (25Hz
→ I) [SMPTE274M]
0101
Reserved
0110
1080p (24 & 24/1.001Hz
→ J/K) [SMPTE274M]
0111
Unknown Progressive with F = 0 always.
TABLE 2. Interlaced Standards Indication (VD_STD[3]=1)
VD_STD[3:0]
DESCRIPTION
1000
1080i (30 & 30/1.001Hz
→ D/E) [SMPTE274M]
1001
Reserved
1010
1080i (25Hz
→ F) [SMPTE274M]
1011
Reserved
1100
1080i (25Hz
→ C) [SMPTE295M]
1101
Reserved
1110
1035i (30 & 30/1.001Hz
→ A/B) [SMPTE260M]
1111
Unknown Interlaced with F switching 0/1


Podobny numer części - GS1500-CQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DAESAN ELECTRONIC CORP.
GS1500FL DAESAN-GS1500FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
More results

Podobny opis - GS1500-CQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com