Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP-WP-5530-PD1AX Arkusz danych(PDF) 1 Page - Advantech Co., Ltd.

Numer części ADP-WP-5530-PD1AX
Szczegółowy opis  Stylish 15 Bezel Free POS Terminal with 3 Mounting Options
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADP-WP-5530-PD1AX Arkusz danych(HTML) 1 Page - Advantech Co., Ltd.

  ADP-WP-5530-PD1AX Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Note: all features and specifications are subject to change without notice; all information are subject to mistakes and alteration.
Features
Dimensions
W-POS Series WP-5530-PD20/WP-5530-PD10
W-POS Series WP-5530-PD20/WP-5530-PD10
Stylish 15” Bezel Free POS Terminal with 3 Mounting Options
15" TFT LCD with Bezel Free P-CAP Touch
Fanless Operation with Intel® BayTrail-D Quad-core J1900
and Haswell Core i7 / i5 / i3 / Pentium Processor
Support System Memory Up to 16GB DDRIII SDRAM on
Haswell Processor (WP-5530-PD20 Only)
Die-casting Back Cover for Better Heat Dissipation
Stylish and Curved Design with Embedded VFD
Provide a Seamless and Smooth Surface and Resistant to
Water, Dust, Grease, and Food Build-up
Excellent 3D Graphic Performance
Support Dual Displays: Main Display and 1 Extra Video
Output (VGA, HDMI or DVI-I)
High IP Protection Ratings: IP65 for Front Panel
Optional Counterfeit Detection Module to Reduce
Transaction Risk
Extensive I/O Ports for Expandability
Easy Installation for 2.5” SATA HDD
3 Mounting Options Available
Device Option: MSR, iButton, Fingerprint, IC card reader
or RFID
RoHS Compliance
System
WP-5530-PD10
WP-5530-PD20
CPU
Intel® BayTrail-D quad-core J1900
2.0 GHz processor onboard
Intel® Haswell Core i7 / i5 / i3 /
Pentium processor
with LGA1150 CPU socket
Cache Memory
2MB L3 cache memory
Depends on CPU
System Chipset
SoC
Intel H81 (Haswell)
System Memory
Maximum up to 8GB DDR3L
Maximum up to 16GB DDR3
Storage
WP-5530-PD10
WP-5530-PD20
SATA speed
SATA II
SATA III
HDD Driver
1 x 2.5" SATA HDD/SSD bay
Main Display
WP-5530-PD10
WP-5530-PD20
Chipset
Intel® Gen7 Integrated Graphic
Intel® HD Integrated Graphic
(By CPU)
Contrast Ratio
1:700
Resolution
15" TFT LCD (LED backlight) / 1024 x 768
Brightness
250 cd/ m2
Touch Screen
Bezel free P-CAP touch (Resistive Touch is optional)
I/O
WP-5530-PD10
WP-5530-PD20
Serial Port
3 x External: COM1, COM2, COM3
3 x External: COM1, COM2, COM3
Output
1 x VGA port (D-Sub15)
1 x HDMI 1.3a port
1 x VGA port (D-Sub15)
1 x HDMI 1.4a port
1 x DVI-I port
USB Port
6 x External: 3 x USB 2.0, 2 x USB 3.0, 1 x 12V powered USB
Audio
1 x Line-out, 1 x Mic-in
Ethernet
1 x RJ-45 Gigabit Ethernet (10/100/1000)
Extendable Slot
Mini PCIe, mSATA
Cash Drawer
RJ-11 (Adjustable 12V/24V, 1 connector control 2 cash drawer)
Power Button
Power Switch (LED inside)
Modular Option
Second Display
• Pole-mount 15"/ 10.1" TFT LCD (Touch/Non-Touch)
• Rear-mount 10.1" TFT LCD (Touch/Non-Touch)
• Embedded VFD Display ( 2 x 20, 5mm Dot Character)
MSR
• MSR only
MSR (2-in-1)
• MSR + iButton
• MSR + WiFi
• MSR + IC card reader
• MSR + RFID
• MSR + Fingerprint
Mounting Option
Stand Base (default)
Counter Top Base, adjustable View Angle (tile degree is 15˚ ~ 90˚)
Wall Mount
Yes, VESA 100
Pole Mount
Swing-arm Mounts, adjustable angle VESA
Mechanical & Environmental
WP-5530-PD10
WP-5530-PD20
Power Supply
60W 12V power adapter
150W 12V power adapter
Case Material
Aluminum die-casting (rear) and plastic housing (front)
Case Color
Black, white
Operation Temperature
0˚C ~ 40˚C operating
Dimensions & Weight
Metric: 246 (D) x 400 (W) x 341 (H)mm / 6.68 kg
US: 9.68" (D) x 15.75" (W) x 13.43" (H) / 14.73 lbs
IP Rating
IP65 protection for front panel
EMI / Safety
CE, FCC, RoHS, CCC
Software
OS Support
Windows 7 Pro Embedded, POSReady 7, Windows Embedded 8.1
Industry, Linux Kernel 3.13 or above
Ordering Information
Part No.
Description
ADP-WP-5530-PD1AX
15" Baytrail, PCAP T/S, 2G DDR3L, w/ Stand,
w/o OS & HDD
ADP-WP-5530-PD2AY
15" Haswell i5-4570T, PCAP T/S 4G DDR3L,
w/ Stand, w/o OS & HHD
96ND500G-ST-SG5K4
SG 500G 2.5" SATAIII 5KRPM 16MB 7MM 4K
ADP-MR-1001-12000
MSR PS2 WP5 BK
ADP-VD-4120-100B0
VFD WP2025C WP55 BK
ADP-2D-011B-00000
10.1 RVGA WP55 Glass BK
Fully-Integrated I/O
WP-5500-PD1
WP-5500-PD2
A. DC 12V Input
B. USB 3.0
C. LAN
D. VGA
E. USB 2.0
F. HDMI
G. LineiOut
H. Mic-In
I. HDD/SSD Tray
J. Power USB
K. RJ11-Cash Drawer
L. 12V Output
M. COM 1/2/3 (RI, 5V, 12V optional)
N. eSATA (WP-5530-PD2 only)
A
A
E
B
C
N
D
F
B
C
F
E
N
G
H G
H
I
I
J
J
K
K
L
L
D
M
M
399.80
90
213.15
245.75
8°~90°
Last updated : 17-Feb-2016


Podobny numer części - ADP-WP-5530-PD1AX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitsumi Electronics, Co...
ADP-W3 MITSUMI-ADP-W3 Datasheet
150Kb / 2P
   4W AC Adaptors with Worldwide Input
ADP-W5 MITSUMI-ADP-W5 Datasheet
359Kb / 2P
   3W Small AC Adaptors with Worldwide Input
ADP-W6 MITSUMI-ADP-W6 Datasheet
75Kb / 2P
   7.5W Wall mount type AC adaptor
More results

Podobny opis - ADP-WP-5530-PD1AX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
UPOS-315 ADVANTECH-UPOS-315 Datasheet
1Mb / 3P
   15" Ubiquitous POS Terminal
UPOS-211 ADVANTECH-UPOS-211 Datasheet
1,020Kb / 3P
   15" Ubiquitous POS Terminal
CM-5500-AR70 ADVANTECH-CM-5500-AR70 Datasheet
636Kb / 1P
   15' Chameleon POS Terminal With Intel Haswell
logo
Protech Systems Co., Lt...
PA-3320 PROTECHSYSTEMS-PA-3320 Datasheet
557Kb / 2P
   Highly Integrated 15" POS Terminal
PA-6970 PROTECHSYSTEMS-PA-6970 Datasheet
874Kb / 2P
   High Performance 15 Pos Terminal
PA-3350 PROTECHSYSTEMS-PA-3350 Datasheet
559Kb / 2P
   High Performance with Highly Integrated 15" POS Terminal
logo
BCM Advanced Research.
RIVAR-1501 BCM-RIVAR-1501 Datasheet
1Mb / 2P
   15” Versatile All-in-One POS Terminal
2020/11/02
logo
Protech Systems Co., Lt...
POS-6510 PROTECHSYSTEMS-POS-6510 Datasheet
616Kb / 2P
   The Fanless Highly Integrated & Performance 15 POS Terminal
PA-6223 PROTECHSYSTEMS-PA-6223 Datasheet
578Kb / 2P
   The 15 Waterproof True Flat Touch POS Terminal
POS-6920 PROTECHSYSTEMS-POS-6920 Datasheet
511Kb / 2P
   The Fanless 15" True Flat Touch POS Terminal
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com