Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5S36A Arkusz danych(PDF) 1 Page - Shunye Enterprise

Numer części SM5S36A
Szczegółowy opis  Surface Mount Automotive Transient Voltage Suppressors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SHUNYE [Shunye Enterprise]
Strona internetowa  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise

SM5S36A Arkusz danych(HTML) 1 Page - Shunye Enterprise

  SM5S36A Datasheet HTML 1Page - Shunye Enterprise SM5S36A Datasheet HTML 2Page - Shunye Enterprise  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM5S14A THRU SM5S36A
Peak Forward Surge Current
IFSM
500A
Note:3
2. Non-repetitive current pulse, per Fig.2 and derated above TA=25
oC per Fig.1
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
3. Peak forward surge current 8.3 ms single half sine
Power Dissipation On Infinite
Heatsink At TL=25
oC
PD
5.0W
0D[LPXP5DWLQJ
Operating Temperature: -55
°C to +175°C
Storage Temperature: -55
°C to +175°C
Peak Pulse Current with
a 10/1000us waveform
IPPM
See Table 1 Note 2
Peak Power Dissipation with
a 10/1000us waveform
PPPM
3600W
Note 2
Peak Power Dissipation with
a 10/10000us waveform
PPPM
2800W
Note 2
Surface Mount Automotive Transient Voltage Suppressors
Breakdown Voltage:14.0-36 Volts
Pesk Pulse Power:3600 Watts
Features
• Ideally suited for load dump protection
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• High temperature stability due to unique oxide passiva-
tion and patented PAR
® construction
• Integrally molded heatsink provides a very low thermal
resistance for maximum heat dissipation
• Low leakage current at TJ = 175°C
• High temperature soldering guaranteed:
260°C for 10 seconds at terminals
• Meets ISO7637-2 surge spec.
• Low forward voltage drop
Mechanical Data
Case: Molded plastic body, surface mount with heatsink
integrally mounted in the encapsulation
Terminals: Plated, solderable per MIL-STD-750, Method 2026
Polarity: Heatsink is anode
Mounting Position: Any
Weight: 0.091 oz., 2.58 g
Dimensions in
inches and (millimeters)
0.093(2.4)
0.116(3.0)
0.059(1.5)
0.098(2.5)
0.098(2.5)
0.138(3.5)
0.366(9.3)
0.343(8.7)
0.406(10.3)
0.382(9.7)
0.342(8.7)
0.327(8.3)
0.413(10.5)
0.374(9.5)
0.539(13.7)
0.524(13.3)
LEAD 2/METAL HEATSINK
0.020(0.5)
0.028(0.7)
0.016 (0.4) Min.
0.197(5.0)
0.185(4.7)
LEAD 1
0.628(16.0)
0.592(15.0)
*Patent #’s:
4,980,315
5,166,769
5,278,095
0.413(10.5)
0.374(9.5)
0.366(9.3)
0.343(8.7)
0.606(15.4)
0.583(14.8)
0.150(3.8)
0.126(3.2)
0.091(2.3)
0.067(1.7)
0.116(3.0)
0.093(2.4)
Mounting Pad Layout
DO-218AB
www.shunyegroup.com.cn


Podobny numer części - SM5S36A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SM5S36A VISHAY-SM5S36A Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM5S36A VISHAY-SM5S36A Datasheet
103Kb / 5P
   Surface Mount PAR짰 Transient Voltage Suppressors
01-Jan-2022
SM5S36A VISHAY-SM5S36A Datasheet
103Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S36A VISHAY-SM5S36A Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM5S36A VISHAY-SM5S36A Datasheet
87Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 14-Sep-11
More results

Podobny opis - SM5S36A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Changzhou Shunye Electr...
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shunye Enterprise
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com