Zakładka z wyszukiwarką danych komponentów |
|
Si1012X-T1-GE3 Arkusz danych(PDF) 6 Page - Vishay Siliconix |
|
Si1012X-T1-GE3 Arkusz danych(HTML) 6 Page - Vishay Siliconix |
6 / 8 page Package Information www.vishay.com Vishay Siliconix C15-1445-Rev. F, 23-Nov-15 1 Document Number: 71348 For technical questions, contact: pmostechsupport@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 SC-75A: 3 Leads DWG: 5868 Notes Dimensions in millimeters will govern. 1.Dimension D does not include mold flash, protrusions or gate burrs. Mold flash protrusions or gate burrs shall not exceed 0.10 mm per end. Dimension E1 does not include Interlead flash or protrusion. Interlead flash or protrusion shall not exceed 0.10 mm per side. 2.Dimensions D and E1 are determined at the outmost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. 3.Datums A, B and D to be determined 0.10 mm from the lead tip. 4.Terminal positions are shown for reference only. 5.These dimensions apply to the flat section of the lead between 0.08 mm and 0.15 mm from the lead tip. C M B A – 2X 1 2 3 1 2 C 4 3 D 3 D bbb D e2 B1(b1) 3 e1 2XB1 E1 2X e3 2 E E/2 4X D Seating Plane Base Metal With Tin Planting Section B-B 5 B1 b1 c1 L2 2X 1 ddd C C 1 1 DIMENSIONS TOLERANCES aaa 0.10 bbb 0.10 ccc 0.10 ddd 0.10 DIM. MILLIMETERS NOTE MIN. NOM. MAX. A- - 0.80 A1 0.00 - 0.10 A2 0.65 0.70 0.80 B1 0.19 - 0.24 5 b1 0.17 - 0.21 c0.13 - 0.15 5 c1 0.10 - 0.12 5 D 1.48 1.575 1.68 1, 2 E 1.50 1.60 1.70 E1 0.66 0.76 0.86 1, 2 e1 0.50 BSC e2 1.00 BSC e3 0.50 BSC L 0.15 0.205 0.30 L1 0.40 ref. L2 0.15 BSC q0° - 8° q1 4° - 10° |
Podobny numer części - Si1012X-T1-GE3 |
|
Podobny opis - Si1012X-T1-GE3 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |