Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3033LSA Arkusz danych(PDF) 4 Page - Allegro MicroSystems

Numer części SI3033LSA
Szczegółowy opis  LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLEGRO [Allegro MicroSystems]
Strona internetowa  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI3033LSA Arkusz danych(HTML) 4 Page - Allegro MicroSystems

  SI3033LSA Datasheet HTML 1Page - Allegro MicroSystems SI3033LSA Datasheet HTML 2Page - Allegro MicroSystems SI3033LSA Datasheet HTML 3Page - Allegro MicroSystems SI3033LSA Datasheet HTML 4Page - Allegro MicroSystems SI3033LSA Datasheet HTML 5Page - Allegro MicroSystems SI3033LSA Datasheet HTML 6Page - Allegro MicroSystems SI3033LSA Datasheet HTML 7Page - Allegro MicroSystems SI3033LSA Datasheet HTML 8Page - Allegro MicroSystems SI3033LSA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SI-3033LSA
LOW-VOLTAGE, HIGH-CURRENT
3.3 V LINEAR REGULATOR
TM
4
TYPICAL CHARACTERISTICS at T
A = 25°C
0.2
0.1
0
0.3
0.4
0.5
0.4
0.8
OUTPUT CURRENT in AMPERES
0
Dwg. GK-025-1
1.2
0.6
1.0
0.2
0.6
3.28
3.26
3.24
3.30
3.32
3.34
0.4
0.8
OUTPUT CURRENT in AMPERES
0
Dwg. GK-026-2
1.2
0.6
1.0
0.2
3.36
VI = VS = 8 V
VI = VS = 5 V
VI = VS = 4.3 V
0
1.0
2.0
OUTPUT CURRENT in AMPERES
0
Dwg. GK-027-2
2.0
1.0
1.5
0.5
4.0
3.0
VI = VS = 4.3 V
VI = VS = 5 V
VI = VS = 6 V
INPUT VOLTAGE
0
Dwg. GK-028-2
5.0
3.0
4.0
1.0
2.0
0
1.0
2.0
4.0
3.0
IO = 0 A
IO = 0.5 A
IO = 1 A
Dropout voltage
Load regulation
Overcurrent protection
V
OUT vs VIN


Podobny numer części - SI3033LSA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI3033C SANKEN-SI3033C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI3033C ETC-SI3033C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results

Podobny opis - SI3033LSA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI-3033LSA ALLEGRO-SI-3033LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
SI-3018LSA ALLEGRO-SI-3018LSA Datasheet
169Kb / 9P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI3025 ALLEGRO-SI3025 Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI3018 ALLEGRO-SI3018 Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI-3033ZD ALLEGRO-SI-3033ZD Datasheet
429Kb / 9P
   High-Current, Low-Dropout, 3.3 V Regulator
SI-3033ZF ALLEGRO-SI-3033ZF Datasheet
239Kb / 8P
   High-Current, Low-Dropout, 3.3 V Regulator
logo
Infineon Technologies A...
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
   Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
logo
NXP Semiconductors
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com