Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD0603S01575 Arkusz danych(PDF) 1 Page - Bourns Electronic Solutions

Numer części CD0603S01575
Szczegółowy opis  Switching Chip Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD0603S01575 Arkusz danych(HTML) 1 Page - Bourns Electronic Solutions

  CD0603S01575 Datasheet HTML 1Page - Bourns Electronic Solutions CD0603S01575 Datasheet HTML 2Page - Bourns Electronic Solutions CD0603S01575 Datasheet HTML 3Page - Bourns Electronic Solutions CD0603S01575 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
RoHS compliant*
Leadless 0603 (1608) chip
High speed switching
Applications
Cellular phones
PDAs
Desktop PCs and notebooks
Digital cameras
MP3 players
CD0603-S01575 Switching Chip Diode
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop
increasingly smaller electronic components.
Bourns offers small-signal high-speed Switching Diodes for switching digital signal applications, in compact chip package 0603 size
format, which offers PCB real estate savings and are considerably smaller than competitive parts. The Switching Diodes offer a
Repetitive Peak Forward Current of 200 mA and a reverse voltage of 75 V. The diodes are RoHS compliant and are compatible with
lead-free manufacturing processes, conforming to many industry and government regulations on lead-free components. Bourns® Chip
Diodes conform to JEDEC standards, are easy to handle on standard pick and place equipment and their flat configuration minimizes
roll away.
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
Value
Unit
Forward Voltage (Max.)
VF
1.00 (If = 50 mA)
1.20 (If = 100 mA)
V
Capacitance Between Terminals (Max.)
CT
3
(Vr = 1 V, f = 1 MHz)
pF
Reverse Recovery Time (Max.)
trr
4
(IF = IR = 10 mA, RL = 50 ohms)
nS
Reverse Current (Max.)
IR
2.5
(VR = 70 V)
μA
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
100
V
Reverse Voltage
VR
80
V
Average Forward Current
IF(AV)
100
mA
Repetitive Peak Forward Current
IFRM
225
mA
Non-repetitive Surge Forward Current
@t < 1 s
@t < 8.3 ms
IFSM
400
800
mA
Power Dissipation
PD
150
mW
Thermal Resistance Junction to Ambient Air
RƟJA
375
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Operating Temperature
TJ
-55 to +150
°C
How to Order
CD 0603 S 015 75
Common Code
Chip Diode
Package
• 0603
Model
S = High-speed Switching
Average Forward Current (Io) Code
015 = 150 mA
(Code x 1000 mA = Average Forward Current)
Reverse Voltage (VR) Code
75 = 75 V
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Podobny numer części - CD0603S01575

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CD0603 BOURNS-CD0603 Datasheet
250Kb / 10P
   Schottky Barrier Chip Diode Series
CD0603 BOURNS-CD0603 Datasheet
251Kb / 4P
   Surface Mount TVS Diode Series
CD0603-B BOURNS-CD0603-B Datasheet
194Kb / 6P
   CD0603-B0xR Schottky Barrier Chip Diode Series
REV. 08/19
CD0603-B00330L BOURNS-CD0603-B00330L Datasheet
250Kb / 10P
   Schottky Barrier Chip Diode Series
CD0603-B00330R BOURNS-CD0603-B00330R Datasheet
250Kb / 10P
   Schottky Barrier Chip Diode Series
More results

Podobny opis - CD0603S01575

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CPD63 CENTRAL-CPD63 Datasheet
207Kb / 2P
   Switching Diode High Speed Switching Diode Chip
CPD41 CENTRAL-CPD41_10 Datasheet
470Kb / 2P
   Switching Diode High Current Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD83V CENTRAL-CPD83V_10 Datasheet
427Kb / 2P
   Switching Diode High Speed Switching Diode Chip
CPD91 CENTRAL-CPD91 Datasheet
30Kb / 1P
   Switching Diode Low Leakage Switching Diode Chip
CPD41 CENTRAL-CPD41 Datasheet
132Kb / 2P
   Switching Diode High Current Switching Diode Chip
CPD91V CENTRAL-CPD91V_10 Datasheet
825Kb / 2P
   Switching Diode Low Leakage Switching Diode Chip
CPD91V CENTRAL-CPD91V Datasheet
208Kb / 2P
   Switching Diode Low Leakage Switching Diode Chip
CPD83V CENTRAL-CPD83V Datasheet
128Kb / 2P
   Switching Diode High Speed Switching Diode Chip
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com