Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFPE50 Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części IRFPE50
Szczegółowy opis  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFPE50 Arkusz danych(HTML) 4 Page - Vishay Siliconix

  IRFPE50 Datasheet HTML 1Page - Vishay Siliconix IRFPE50 Datasheet HTML 2Page - Vishay Siliconix IRFPE50 Datasheet HTML 3Page - Vishay Siliconix IRFPE50 Datasheet HTML 4Page - Vishay Siliconix IRFPE50 Datasheet HTML 5Page - Vishay Siliconix IRFPE50 Datasheet HTML 6Page - Vishay Siliconix IRFPE50 Datasheet HTML 7Page - Vishay Siliconix IRFPE50 Datasheet HTML 8Page - Vishay Siliconix IRFPE50 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
Document Number: 91248
4
S11-0442-Rev. B, 14-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRFPE50, SiHFPE50
Vishay Siliconix
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area


Podobny numer części - IRFPE50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFPE50 IRF-IRFPE50 Datasheet
174Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=1.2ohm, Id=7.8A)
logo
Vishay Siliconix
IRFPE50 VISHAY-IRFPE50 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 21-Jul-08
IRFPE50 VISHAY-IRFPE50 Datasheet
890Kb / 11P
   Power MOSFET
01-Jan-2022
logo
Inchange Semiconductor ...
IRFPE50 ISC-IRFPE50 Datasheet
352Kb / 2P
   isc N-Channel Mosfet Transistor
logo
International Rectifier
IRFPE50PBF IRF-IRFPE50PBF Datasheet
846Kb / 7P
   HEXFET짰 Power MOSFET
More results

Podobny opis - IRFPE50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com