Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Si1416EDH Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części Si1416EDH
Szczegółowy opis  N-Channel 30 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Si1416EDH Arkusz danych(HTML) 2 Page - Vishay Siliconix

  Si1416EDH Datasheet HTML 1Page - Vishay Siliconix Si1416EDH Datasheet HTML 2Page - Vishay Siliconix Si1416EDH Datasheet HTML 3Page - Vishay Siliconix Si1416EDH Datasheet HTML 4Page - Vishay Siliconix Si1416EDH Datasheet HTML 5Page - Vishay Siliconix Si1416EDH Datasheet HTML 6Page - Vishay Siliconix Si1416EDH Datasheet HTML 7Page - Vishay Siliconix Si1416EDH Datasheet HTML 8Page - Vishay Siliconix Si1416EDH Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 67580
S11-0611-Rev. A, 04-Apr-11
Vishay Siliconix
Si1416EDH
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
ΔVDS/TJ
ID = 250 µA
34
mV/°C
VGS(th) Temperature Coefficient
ΔVGS(th)/TJ
- 3.3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.6
1.4
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 4.5 V
± 0.5
µA
VDS = 0 V, VGS = ± 12 V
± 20
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
10
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 3.1 A
0.047
0.058
Ω
VGS = 4.5 V, ID = 2 A
0.052
0.064
VGS = 2.5 V, ID = 1 A
0.062
0.077
Forward Transconductancea
gfs
VDS = 15 V, ID = 3.1 A
13
S
Dynamicb
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 4 A
7.5
12
nC
VDS = 15 V, VGS = 4.5 V, ID = 4 A
3.5
5.5
Gate-Source Charge
Qgs
1.8
Gate-Drain Charge
Qgd
0.7
Gate Resistance
Rg
f = 1 MHz
0.6
3.3
6.6
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 4.7 Ω
ID ≅ 3.2 A, VGEN = 4.5 V, Rg = 1 Ω
20
40
ns
Rise Time
tr
60
120
Turn-Off DelayTime
td(off)
25
50
Fall Time
tf
45
90
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 4.7 Ω
ID ≅ 3.2 A, VGEN = 10 V, Rg = 1 Ω
1.5
5
Rise Time
tr
30
60
Turn-Off DelayTime
td(off)
15
30
Fall Time
tf
50
100
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
3.9
A
Pulse Diode Forward Current
ISM
15
Body Diode Voltage
VSD
IS = 3.2 A, VGS = 0 V
0.87
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 3.2 A, dI/dt = 100 A/µs, TJ = 25 °C
10
20
ns
Body Diode Reverse Recovery Charge
Qrr
410
nC
Reverse Recovery Fall Time
ta
5.3
ns
Reverse Recovery Rise Time
tb
4.6


Podobny numer części - Si1416EDH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1416EDH VISHAY-SI1416EDH Datasheet
261Kb / 12P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 04-Apr-11
logo
Vishay Telefunken
SI1416EDH TFUNK-SI1416EDH Datasheet
264Kb / 12P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI1416EDH VISHAY-SI1416EDH Datasheet
270Kb / 12P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1416EDH-T1-GE3 VISHAY-SI1416EDH-T1-GE3 Datasheet
270Kb / 12P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1416EDH VISHAY-SI1416EDH_V01 Datasheet
270Kb / 12P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - Si1416EDH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com