Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC3G34DP Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74LVC3G34DP
Szczegółowy opis  Triple buffer gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC3G34DP Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74LVC3G34DP Datasheet HTML 1Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 2Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 3Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 4Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 5Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 6Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 7Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 8Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
9397 750 14545
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 31 January 2005
3 of 14
Philips Semiconductors
74LVC3G34
Triple buffer gate
6.
Functional diagram
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aaa684
1A
1Y
17
3Y
3A
26
2A
2Y
35
7
1
1
1
5
3
001aaa724
1
2
6
Fig 3.
Pin configuration VSSOP8 and
TSSOP8
Fig 4.
Pin configuration XSON8
3G34
1A
VCC
3Y
1Y
2A
3A
GND
2Y
001aaa609
1
2
3
4
6
5
8
7
3G34
3A
1Y
VCC
2Y
2A
3Y
1A
GND
001aac024
36
27
18
45
Transparent top view
Table 4:
Pin description
Symbol
Pin
Description
1A
1
data input
3Y
2
data output
2A
3
data input
GND
4
ground (0 V)
2Y
5
data output
3A
6
data input
1Y
7
data output
VCC
8
supply voltage


Podobny numer części - 74LVC3G34DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC3G34DP NXP-74LVC3G34DP Datasheet
87Kb / 14P
   Triple buffer
Rev. 05-5 October 2007
74LVC3G34DP NXP-74LVC3G34DP Datasheet
100Kb / 16P
   Triple buffer
Rev. 07-9 May 2008
logo
Nexperia B.V. All right...
74LVC3G34DP NEXPERIA-74LVC3G34DP Datasheet
258Kb / 16P
   Triple buffer
Rev. 14 - 25 August 2021
74LVC3G34DP-Q100 NEXPERIA-74LVC3G34DP-Q100 Datasheet
200Kb / 11P
   Triple buffer
More results

Podobny opis - 74LVC3G34DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC3G34 NXP-74HC3G34 Datasheet
90Kb / 13P
   Triple buffer gate
Rev. 05-7 May 2009
logo
Unisonic Technologies
U74AHC3G34 UTC-U74AHC3G34 Datasheet
166Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 2 - 11 June 2018
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
logo
NXP Semiconductors
74HC3G34 PHILIPS-74HC3G34 Datasheet
81Kb / 16P
   Triple Buffer Gate
2003 May 19
logo
Texas Instruments
SN74LVC3G34 TI1-SN74LVC3G34_15 Datasheet
903Kb / 21P
[Old version datasheet]   Triple Buffer Gate
SN74LVC3G34 TI-SN74LVC3G34_07 Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
logo
Unisonic Technologies
U74HCT3G34 UTC-U74HCT3G34 Datasheet
165Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
197Kb / 13P
   Triple buffer gate
74HC3G16 NEXPERIA-74HC3G16 Datasheet
184Kb / 9P
   Triple buffer gate
Rev. 3 - 17 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com