Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9782 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9782
Szczegółowy opis  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9782 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9782 Datasheet HTML 2Page - Analog Devices AD9782 Datasheet HTML 3Page - Analog Devices AD9782 Datasheet HTML 4Page - Analog Devices AD9782 Datasheet HTML 5Page - Analog Devices AD9782 Datasheet HTML 6Page - Analog Devices AD9782 Datasheet HTML 7Page - Analog Devices AD9782 Datasheet HTML 8Page - Analog Devices AD9782 Datasheet HTML 9Page - Analog Devices AD9782 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
AD9782
Preliminary Technical Data
Rev. PrC | Page 6 of 52
DIGITAL SPECIFICATIONS
Table 3. TMIN to TMAX, AVDD1, AVDD2 = 3.3 V, ACVDD, ADVDD, CLKVDD, DVDD = 2.5 V, IOUTFS = 20 mA, unless
otherwise noted
Parameter
Min
Typ
Max
Unit
DIGITAL INPUTS
Logic 1 Voltage
DRVDD – 0.9
DRVDD
V
Logic 0 Voltage
0
0.9
V
Logic 1 Current
–10
+10
µA
Logic 0 Current
–10
+10
µA
Input Capacitance
5
pF
LOCK INPUTS
Input Voltage Range
0
2.65
V
Common-Mode Voltage
0.75
1.5
2.25
V
Differential Voltage
0.5
1.5
V
PLL CLOCK ENABLED
Input Setup Time (ts)
ns
Input Hold Time (tH)
ns
Latch Pulse Width (tLPW)
ns
PLL CLOCK DISABLED
Input Setup Time (ts)
ns
Input Hold Time (tH)
ns
Latch Pulse Width (tLPW)
ns
CLK to PLLLOCK Delay (tOD)
ns


Podobny numer części - AD9782

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9782 AD-AD9782_15 Datasheet
1Mb / 52P
   12-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
More results

Podobny opis - AD9782

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9786 AD-AD9786 Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
AD9782 AD-AD9782_15 Datasheet
1Mb / 52P
   12-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9786BSVZ AD-AD9786BSVZ Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9786 AD-AD9786_15 Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9772A AD-AD9772A_V01 Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9772 AD-AD9772 Datasheet
340Kb / 30P
   14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
REV. 0
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
AD9774 AD-AD9774 Datasheet
313Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com