Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5390-EVAL Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADL5390-EVAL
Szczegółowy opis  RF/IF Vector Multiplier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5390-EVAL Arkusz danych(HTML) 1 Page - Analog Devices

  ADL5390-EVAL Datasheet HTML 1Page - Analog Devices ADL5390-EVAL Datasheet HTML 2Page - Analog Devices ADL5390-EVAL Datasheet HTML 3Page - Analog Devices ADL5390-EVAL Datasheet HTML 4Page - Analog Devices ADL5390-EVAL Datasheet HTML 5Page - Analog Devices ADL5390-EVAL Datasheet HTML 6Page - Analog Devices ADL5390-EVAL Datasheet HTML 7Page - Analog Devices ADL5390-EVAL Datasheet HTML 8Page - Analog Devices ADL5390-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
RF/IF Vector Multiplier
ADL5390
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Matched pair of multiplying VGAs
Broad frequency range 20 MHz to 2.4 GHz
Continuous magnitude control from +5 dB to −30 dB
Output third-order intercept 24 dBm
Output 1 dB compression point 11 dBm
Output noise floor −148 dBm/Hz
Adjustable modulation bandwidth up to 230 MHz
Fast output power disable
Single-supply voltage 4.75 V to 5.25 V
APPLICATIONS
PA linearization and predistortion
Amplitude and phase modulation
Variable matched attenuator and/or phase shifter
Cellular base stations
Radio links
Fixed wireless access
Broadband/CATV
RF/IF analog multiplexer
FUNCTIONAL BLOCK DIAGRAM
VPS2
OBBM
QBBP
INPI
INMI
DSOP
IBBM
IBBP
RFOP
RFOM
VPRF
CMOP
INMQ
INPQ
CMRF
Figure 1.
GENERAL DESCRIPTION
The ADL5390 vector multiplier consists of a matched pair of
broadband variable gain amplifiers whose outputs are summed.
The separate gain controls for each amplifier are linear-in-
magnitude. If the two input RF signals are in quadrature, the
vector multiplier can be configured as a vector modulator or as
a variable attenuator/phase shifter by using the gain control pins
as Cartesian variables. In this case, the output amplitude can be
controlled from a maximum of +5 dB to less than –30 dB, and
the phase can be shifted continuously over the entire 360°
range. Since the signal paths are linear, the original modulation
on the inputs is preserved. If the two signals are independent,
then the vector multiplier can function as a 2:1 multiplexer or
can provide fading from one channel to another.
The ADL5390 operates over a wide frequency range of 20 MHz
to 2400 MHz. For a maximum gain setting on one channel at
380 MHz, the ADL5390 delivers an OP1dB of 11 dBm, an OIP3
of 24 dBm, and an output noise floor of −148 dBm/Hz. The gain
and phase matching between the two VGAs is better than 0.5 dB
and 1°, respectively, over most of the operating range.
The gain control inputs are dc-coupled with a +/−500 mV dif-
ferential full-scale range centered about a 500 mV common
mode. The maximum modulation bandwidth is 230 MHz,
which can be reduced by adding external capacitors to limit the
noise bandwidth on the control lines.
Both the RF inputs and outputs can be used differentially or
single-ended and must be ac-coupled. The impedance of each
VGA RF input is 250 Ω to ground, and the differential output
impedance is nominally 50 Ω over the operating frequency
range. The DSOP pin allows the output stage to be disabled
quickly to protect subsequent stages from overdrive. The
ADL5390 operates off supply voltages from 4.75 V to 5.25 V
while consuming 135 mA.
The ADL5390 is fabricated on Analog Devices’ proprietary,
high performance 25 GHz SOI complementary bipolar IC
process. It is available in a 24-lead, Pb-free CSP package and
operates over a −40°C to +85°C temperature range. Evaluation
boards are available.


Podobny numer części - ADL5390-EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5390-EVALZ AD-ADL5390-EVALZ Datasheet
681Kb / 23P
   RF/IF Vector Multiplier
Rev. A
More results

Podobny opis - ADL5390-EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5390 AD-ADL5390_15 Datasheet
733Kb / 24P
   RF/IF Vector Multiplier
REV. 0
ADL5390 AD-ADL5390_V01 Datasheet
681Kb / 23P
   RF/IF Vector Multiplier
Rev. A
logo
Infineon Technologies A...
PMB2208 INFINEON-PMB2208 Datasheet
766Kb / 27P
   Mixer and IF Vector Modulator
V1.2 August 1999
logo
TEKTRONIX, INC.
TSG4100A TEKTRONIX-TSG4100A Datasheet
1Mb / 24P
   RF Vector Signal Generators
logo
National Instruments Co...
PXIE-5672 NI-PXIE-5672 Datasheet
824Kb / 4P
   2.7 GHz RF Vector Signal Generator
logo
Keysight Technologies
N9923A KEYSIGHT-N9923A Datasheet
2Mb / 18P
   N9923A FieldFox RF Vector Network Analyzer
logo
Zarlink Semiconductor I...
SL610 ZARLINK-SL610 Datasheet
344Kb / 7P
   RF/IF AMPLIFIER
logo
Fairchild Semiconductor
UA703 FAIRCHILD-UA703 Datasheet
145Kb / 3P
   RF-IF AMPLIFIER
logo
General Electric Compan...
SL1610 GEC-SL1610 Datasheet
269Kb / 3P
   RF/IF AMPLIFIERS
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
536Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24