Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM16W08 Arkusz danych(PDF) 5 Page - Cypress Semiconductor

Numer części FM16W08
Szczegółowy opis  64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM16W08 Arkusz danych(HTML) 5 Page - Cypress Semiconductor

  FM16W08 Datasheet HTML 1Page - Cypress Semiconductor FM16W08 Datasheet HTML 2Page - Cypress Semiconductor FM16W08 Datasheet HTML 3Page - Cypress Semiconductor FM16W08 Datasheet HTML 4Page - Cypress Semiconductor FM16W08 Datasheet HTML 5Page - Cypress Semiconductor FM16W08 Datasheet HTML 6Page - Cypress Semiconductor FM16W08 Datasheet HTML 7Page - Cypress Semiconductor FM16W08 Datasheet HTML 8Page - Cypress Semiconductor FM16W08 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
FM16W08
Document Number: 001-86210 Rev. *F
Page 5 of 18
accessed data is located in different rows. Regardless, F-RAM
offers substantially higher write endurance than other nonvolatile
memories. The rated endurance limit of 1014 cycles will allow
150,000 accesses per second to the same row for over 20 years.
F-RAM Design Considerations
When designing with F-RAM for the first time, users of SRAM will
recognize a few minor differences. First, bytewide F-RAM
memories latch each address on the falling edge of chip enable.
This allows the address bus to change after starting the memory
access. Since every access latches the memory address on the
falling edge of CE, users cannot ground it as they might with
SRAM.
Users who are modifying existing designs to use F-RAM should
examine the memory controller for timing compatibility of
address and control pins. Each memory access must be
qualified with a LOW transition of CE. In many cases, this is the
only change required. An example of the signal relationships is
shown in Figure 2 below. Also shown is a common SRAM signal
relationship that will not work for the FM16W08.
The reason for CE to strobe for each address is twofold: it latches
the new address and creates the necessary pre-charge period
while CE is HIGH.
A second design consideration relates to the level of VDD during
operation. Battery-backed SRAMs are forced to monitor VDD in
order to switch to battery backup. They typically block user
access below a certain VDD level in order to prevent loading the
battery with current demand from an active SRAM. The user can
be abruptly cut off from access to the nonvolatile memory in a
power down situation with no warning or indication.
F-RAM memories do not need this system overhead. The
memory will not block access at any VDD level that complies with
the specified operating range. The user should take measures to
prevent the processor from accessing memory when VDD is
out-of-tolerance. The common design practice of holding a
processor in reset during power-down may be sufficient. It is
recommended that chip enable is pulled HIGH and allowed to
track VDD during power-up and power-down cycles. It is the
user’s responsibility to ensure that chip enable is HIGH to
prevent accesses below VDD min. (2.7 V).
Figure 3 shows a pull-up resistor on CE, which will keep the pin
HIGH during power cycles, assuming the MCU / MPU pin
tristates during the reset condition. The pull-up resistor value
should be chosen to ensure the CE pin tracks VDD to a high
enough value, so that the current drawn when CE is LOW is not
an issue.
Figure 2. Chip Enable and Memory Address Relationships
Valid Strobing of CE
F-RAM
Signaling
CE
Address
A1
A2
Data
D1
D2
Invalid Strobing of CE
SRAM
Signaling
CE
Address
A1
A2
Data
D1
D2
Figure 3. Use of Pull-up Resistor on CE
MCU / MPU
CE
WE
OE
A 12-0
DQ 7-0
FM16W08
VDD


Podobny numer części - FM16W08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM16W08 RAMTRON-FM16W08 Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
FM16W08-SG RAMTRON-FM16W08-SG Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
More results

Podobny opis - FM16W08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY15B064J CYPRESS-CY15B064J Datasheet
369Kb / 18P
   64-Kbit (8K 횞 8) Serial (I2C) Automotive F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY7C185 CYPRESS-CY7C185_11 Datasheet
394Kb / 15P
   64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
FM28V102A CYPRESS-FM28V102A Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
logo
Ramtron International C...
FM16W08 RAMTRON-FM16W08 Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com