Zakładka z wyszukiwarką danych komponentów |
|
CX16M475K Arkusz danych(PDF) 1 Page - Vishay Siliconix |
|
CX16M475K Arkusz danych(HTML) 1 Page - Vishay Siliconix |
1 / 3 page www.vishay.com 57 CX16 Vishay Sprague Document Number: 43018 Revision 17-Apr-02 For technical questions, contact tantalum@vishay.com DIMENSIONS in inches [millimeters] Subminiature, Leaded Solid Tantalum Capacitors FEATURES • Axial leads •2 to 35 VDC • 0.1µF to 220µF • Operating temperature range : - 55°C to + 85°C • Qualified to MIL-PRF-49137 ORDERING INFORMATION CX MODEL 16 LEAD CONFIGURATION 1 = Axial 474 CAPACITANCE M CAPACITANCE TOLERANCE M = ± 20% K = ± 10% AXIAL CASE T W H M ± 0.002 CODE MAX MAX MAX [ ± 0.051] A 0.040 0.050 0.100 0.007 [1.02] [1.27] [2.54] [0.18] B 0.040 0.070 0.125 0.010 [1.02] [1.78] [3.18] [0.25] C 0.070 0.120 0.165 0.010 [1.78] [3.05] [4.19] [0.25] D 0.075 0.185 0.225 0.010 [1.91] [4.70] [5.72] [0.25] E 0.110 0.220 0.290 0.016 [2.79] [5.59] [7.37] [0.41] F 0.130 0.230 0.310 0.016 [3.30] [5.84] [7.87] [0.41] G 0.150 0.375 0.475 0.016 [3.81] [9.53] [12.07] [0.41] Anode Identification placed over positive lead in red or in contrasting colour 0.75 [19.05] min W (-) (+) M T H 0.75 [19.05] min A VOLTAGE Example: CX16A474M |
Podobny numer części - CX16M475K |
|
Podobny opis - CX16M475K |