Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC77-5.0MCTTR Arkusz danych(PDF) 8 Page - Microchip Technology

Numer części TC77-5.0MCTTR
Szczegółowy opis  Thermal Sensor with SPI Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC77-5.0MCTTR Arkusz danych(HTML) 8 Page - Microchip Technology

Back Button TC77-5.0MCTTR Datasheet HTML 4Page - Microchip Technology TC77-5.0MCTTR Datasheet HTML 5Page - Microchip Technology TC77-5.0MCTTR Datasheet HTML 6Page - Microchip Technology TC77-5.0MCTTR Datasheet HTML 7Page - Microchip Technology TC77-5.0MCTTR Datasheet HTML 8Page - Microchip Technology TC77-5.0MCTTR Datasheet HTML 9Page - Microchip Technology TC77-5.0MCTTR Datasheet HTML 10Page - Microchip Technology TC77-5.0MCTTR Datasheet HTML 11Page - Microchip Technology TC77-5.0MCTTR Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TC77
DS20092A-page 8
 2002 Microchip Technology Inc.
3.0
FUNCTIONAL DESCRIPTION
The TC77 consists of a band-gap type temperature
sensor, a 12-bit plus sign (13-bit) Sigma-Delta Analog-
to-Digital Converter (ADC), an internal conversion
oscillator (~30 kHz) and a serial input/output port.
These devices feature a three-wire serial interface that
is fully compatible with SPI and MICROWIRE specifica-
tions and, therefore, allows simple communications
with common microcontrollers and processors. The
Shutdown mode can be used to reduce supply current
for power sensitive applications. A Manufacturer’s ID
register identifies the TC77 as a Microchip Technology
product.
FIGURE 3-1:
Temperature To Digital Transfer Function (Non-linear Scale).
Temp
Temp
Output
Code
+125°C
-55°C
+25°C
-25°C
+0.0625°C
-0.0625°C
0+0111 1101 0000
0+0001 1001 0000
0+0000 0000 0001
0+0000 0000 0000
1+1111 1111 1111
1+1110 0111 0000
1+1100 1001 0000
0°C


Podobny numer części - TC77-5.0MCTTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC77-5.0MCTTR MICROCHIP-TC77-5.0MCTTR Datasheet
291Kb / 22P
   Thermal Sensor with SPI Interface
08/01/02
More results

Podobny opis - TC77-5.0MCTTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC77-50MOATR MICROCHIP-TC77-50MOATR Datasheet
291Kb / 22P
   Thermal Sensor with SPI Interface
08/01/02
TC77 MICROCHIP-TC77_13 Datasheet
307Kb / 22P
   Thermal Sensor with SPI Interface
10/26/12 2002-2012
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Linear Dimensions Semic...
LND3045 LINEAR_DIMENSIONS-LND3045 Datasheet
68Kb / 1P
   Analog Sensor Interface Chip- SAR ADC with SPI
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com