Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS-320240BRNO Arkusz danych(PDF) 1 Page - Newhaven Display International, Inc.

Numer części TS-320240BRNO
Szczegółowy opis  The drawing contained herein is the exclusive property of Newhaven Display International, Inc. and shall not be copied
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEWHAVEN [Newhaven Display International, Inc.]
Strona internetowa  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

TS-320240BRNO Arkusz danych(HTML) 1 Page - Newhaven Display International, Inc.

  TS-320240BRNO Datasheet HTML 1Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CONFIDENTIAL
1
2
3
4
5
6
A
B
C
D
B
C
D
1
2
3
4
5
6
Mechanical Drawing
A
[3]
The drawing contained herein is the exclusive property of Newhaven Display International, Inc. and shall not be copied, reproduced, and/or disclosed in any format without permission.
NHD-TS-320240BRNO
04/26/13
Date
Unit
Model:
mm
Gen. Tolerance
±0.3mm
Rev
Description
Date
PIN OUT
1
2
3
4
Bottom
Right
Left
Top
Notes:
1. Type:ITO FILM(Anti-Glare Hard Coating T=0.188mm)+
ITO GLASS(T=1.1mm)+FPC +Housing+ADH
2. Operating VoItage: 3~15V 1mA
3. Operation Temperature:-10℃~60℃
Storage Temperature:-20℃ ~70℃
4. Life Time: ≥1,000,000 times
5. Connect MateriaI:Housing
6. Linearity:≤1.5%
7. Transmittance: ≥78%
8. Surface Hardness≥3H(PenciI)
9. Operation force:30g~100g
10.Resistance:
(Anti-glare Hard coating & Anti-Newton
ring ITO FiIm )x:150 ~650
(Stand ard ITO GIass)y:350 ~1000
11.Unspecified Tolerance:±0.20
12.Response Time:≤10ms
13.ROHS must be complied
90.30(A.A)
93.30±0.2(V.A)
104.00±0.2(O.D)
48.20±0.5
15.00±0.2
1.55±0.1(ADH Included)
TS-320240BRNO-N
ew haven Display
D5067
T=0.15 ADH Drawing
right
left
m
o
t
t
o
b
p
o
t
thickness 0.24±0.02
Housing
Pin4
Pin1
Pin1
Pin4
103.80±0.2(ADH O.D)
(4.50)
(0.10)
7.90
5.40
5.30
5.80
Single layer
12.70
Pitch 2.54*3=7.62
Line Width 1.30*4
2.54
Pin1
Pin4
SEC:A" SCALE:2X
Back plate
10.00
Pitch2.54x3=7.62
Housing Drawing
Pin1
Pin4
94.90±0.2(ADH)
4.50
4.40
48.10±0.5


Podobny numer części - TS-320240BRNO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mean Well Enterprises C...
TS-3000 MEANWELL-TS-3000 Datasheet
828Kb / 2P
   3000W True Sine Wave DC-AC Power Inverter
TS-3000 MEANWELL-TS-3000 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000 MEANWELL-TS-3000 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000-112 MEANWELL-TS-3000-112 Datasheet
828Kb / 2P
   3000W True Sine Wave DC-AC Power Inverter
TS-3000-112 MEANWELL-TS-3000-112 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
More results

Podobny opis - TS-320240BRNO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Newhaven Display Intern...
NHD-7.0-HDMI-N-RSXV-RTU NEWHAVEN-NHD-7.0-HDMI-N-RSXV-RTU Datasheet
588Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-7.0-HDMI-N-RSXN-CTU NEWHAVEN-NHD-7.0-HDMI-N-RSXN-CTU Datasheet
598Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-7.0-HDMI-N-RTXL-RTU NEWHAVEN-NHD-7.0-HDMI-N-RTXL-RTU Datasheet
588Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-5.0-HDMI-N-RTXL NEWHAVEN-NHD-5.0-HDMI-N-RTXL Datasheet
612Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-7.0-HDMI-N-RSXV-CTU NEWHAVEN-NHD-7.0-HDMI-N-RSXV-CTU Datasheet
582Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-7.0-HDMI-N-RSXN-RTU NEWHAVEN-NHD-7.0-HDMI-N-RSXN-RTU Datasheet
589Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-7.0-HDMI-N-RSXV NEWHAVEN-NHD-7.0-HDMI-N-RSXV Datasheet
590Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-7.0-HDMI-N-RTXL-CTU NEWHAVEN-NHD-7.0-HDMI-N-RTXL-CTU Datasheet
596Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-5.0-HDMI-N-RTXL-CTU NEWHAVEN-NHD-5.0-HDMI-N-RTXL-CTU Datasheet
608Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
NHD-7.0-HDMI-N-RSXN NEWHAVEN-NHD-7.0-HDMI-N-RSXN Datasheet
591Kb / 1P
   THIS DRAWING IS SOLELY THE PROPERTY OF NEWHAVEN DISPLAY INTERNATIONAL
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com