Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM3305-200NI Arkusz danych(PDF) 3 Page - Wall Industries,Inc.

Numer części AM3305-200NI
Szczegółowy opis  Single Output Surface Mount Package 1 Watt DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WALL [Wall Industries,Inc.]
Strona internetowa  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

AM3305-200NI Arkusz danych(HTML) 3 Page - Wall Industries,Inc.

  AM3305-200NI Datasheet HTML 1Page - Wall Industries,Inc. AM3305-200NI Datasheet HTML 2Page - Wall Industries,Inc. AM3305-200NI Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 3
AMI Series
Single Output
Surface Mount Package
1 Watt DC/DC Converter
Rev A
DERATING CURVE
TOLERANCE ENVELOPE GRAPH
100
75
50
25
0
-40
85
100
Ambient Temperature()
Nature Convection
MECHANICAL DRAWING
Unit: inches (mm)
7.62
11.05
0.10MIN
2.54±0.10
0.5±0.05
0.75
2.54
1.95
12.70
1.50
1
3
7
14
8
5
12
10
SUGGESTED PAD LAYOUT
Output Current(%)
120%
110%
100%
90%
80%
70%
Ambient Temperature (°C)
Output Current (%)
Natural Convection
PIN CONNECTIONS
PIN
SINGLE OUTPUT
1
-Vin
3
+Vin
7
-Vout
8
+Vout
Others
NC
Tolerance: ±0.25
0.50 (12.70)
0.02 (0.5±0.05)
0.10 (2.54±0.10)
0.30 (7.62)
0.004 (0.10) min
0.44 (11.05)
0.06 (1.50)
0.10 (2.54)
0.03 (0.75)
0.08 (1.95)
SUGGESTED PAD LAYOUT


Podobny numer części - AM3305-200NI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wall Industries,Inc.
AM3305-200NI WALL-AM3305-200NI Datasheet
142Kb / 3P
   Single Output Surface Mount Package
More results

Podobny opis - AM3305-200NI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wall Industries,Inc.
AM503-303N WALL-AM503-303N Datasheet
419Kb / 4P
   1 Watt Surface Mount DC/DC Converter Single Output
logo
CET Technology, LLC
CT-13DS3 CETTECHNOLOGY-CT-13DS3 Datasheet
484Kb / 2P
   1000Vdc Isolation 1 Watt Single Output Surface Mount Dc-Dc Converter
CT-13DS CETTECHNOLOGY-CT-13DS Datasheet
358Kb / 2P
   1000Vdc Isolation 1 Watt Single Output Surface Mount Dc-Dc Converter
logo
Wall Industries,Inc.
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
   1 Watt DC/DC Converter Single Output
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
RBA1 WALL-RBA1 Datasheet
590Kb / 7P
   1 Watt Single Output DC/DC DIP & SIP Mount Converter
DCMSPU01H WALL-DCMSPU01H Datasheet
334Kb / 4P
   1 Watt DC/DC Converter Single and Output Models
logo
CET Technology, LLC
CT-13D1-1W CETTECHNOLOGY-CT-13D1-1W Datasheet
485Kb / 2P
   3000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-10D-1W CETTECHNOLOGY-CT-10D-1W Datasheet
902Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-13D-1W CETTECHNOLOGY-CT-13D-1W Datasheet
954Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com