Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM1203-303N Arkusz danych(PDF) 2 Page - Wall Industries,Inc.

Numer części AM1203-303N
Szczegółowy opis  1 Watt Surface Mount DC/DC Converter Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WALL [Wall Industries,Inc.]
Strona internetowa  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

AM1203-303N Arkusz danych(HTML) 2 Page - Wall Industries,Inc.

  AM1203-303N Datasheet HTML 1Page - Wall Industries,Inc. AM1203-303N Datasheet HTML 2Page - Wall Industries,Inc. AM1203-303N Datasheet HTML 3Page - Wall Industries,Inc. AM1203-303N Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev B
AM SERIES
1 Watt
Surface Mount DC/DC Converter
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
Full Load, Nominal Input
100
KHz
Isolation Resistance
500VDC
1000
M
Ω
PHYSICAL SPECIFICATIONS
Weight
0.04oz (1g) Typ.
Dimensions (L x W x H)
0.5in x 0.3in x 0.25in
(12.7mm x 7.6mm x 6.25mm)
Case Material
DAP
NOTES
(1)
Load regulation measured 10%-100% F.L.
(2)
Specifications subject to change without notice.
DERATING CURVES
Temperature Derating
Tolerance Envelope Graph


Podobny numer części - AM1203-303N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wall Industries,Inc.
AM1205-200N WALL-AM1205-200N Datasheet
210Kb / 2P
   This economically priced converter is perfect for low power applications
AM1205-200NI WALL-AM1205-200NI Datasheet
148Kb / 2P
   Highly suitable for high speed pick and place machine operation
AM1205-200NI WALL-AM1205-200NI Datasheet
142Kb / 3P
   Single Output Surface Mount Package
AM1205-200NI WALL-AM1205-200NI Datasheet
142Kb / 3P
   Single Output Surface Mount Package 1 Watt DC/DC Converter
AM1209-110N WALL-AM1209-110N Datasheet
210Kb / 2P
   This economically priced converter is perfect for low power applications
More results

Podobny opis - AM1203-303N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wall Industries,Inc.
AMI WALL-AMI Datasheet
142Kb / 3P
   Single Output Surface Mount Package 1 Watt DC/DC Converter
logo
CET Technology, LLC
CT-13DS3 CETTECHNOLOGY-CT-13DS3 Datasheet
484Kb / 2P
   1000Vdc Isolation 1 Watt Single Output Surface Mount Dc-Dc Converter
CT-13DS CETTECHNOLOGY-CT-13DS Datasheet
358Kb / 2P
   1000Vdc Isolation 1 Watt Single Output Surface Mount Dc-Dc Converter
logo
Wall Industries,Inc.
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
   1 Watt DC/DC Converter Single Output
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
RBA1 WALL-RBA1 Datasheet
590Kb / 7P
   1 Watt Single Output DC/DC DIP & SIP Mount Converter
DCMSPU01H WALL-DCMSPU01H Datasheet
334Kb / 4P
   1 Watt DC/DC Converter Single and Output Models
logo
CET Technology, LLC
CT-13D1-1W CETTECHNOLOGY-CT-13D1-1W Datasheet
485Kb / 2P
   3000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-10D-1W CETTECHNOLOGY-CT-10D-1W Datasheet
902Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-13D-1W CETTECHNOLOGY-CT-13D-1W Datasheet
954Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com