Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8350ARZ15-REEL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD8350ARZ15-REEL7
Szczegółowy opis  Low Distortion 1.0 GHz Differential Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8350ARZ15-REEL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD8350ARZ15-REEL7 Datasheet HTML 3Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 4Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 5Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 6Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 7Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 8Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 9Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 10Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
REV.
AD8350
–7–
FREQUENCY – MHz
0
100
200
300
400
500
600
7.5
5.0
2.5
0
–2.5
–5.0
VCC = 10V
VCC = 5V
INPUT REFERRED
–7.5
TPC 19. AD8350-20 1 dB Compres-
sion vs. Frequency
VCC – Volts
1
25
20
15
10
5
0
–5
–10
–15
–20
2
3
4
5678
9
10
AD8350-20
AD8350-15
TPC 22. AD8350 Gain (S21) vs.
Supply Voltage
FREQUENCY – MHz
–20
1
–30
–40
–50
–60
–70
–80
–90
10
100
1k
VCC = 5V
AD8350-20
AD8350-15
TPC 25. AD8350 CMRR vs. Frequency
FREQUENCY – MHz
10
0
50 100 150 200 250 300 350 400 450 500
9
8
7
6
5
VCC = 10V
VCC = 5V
TPC 20. AD8350-15 Noise Figure
vs. Frequency
TEMPERATURE – C
100
–40
50
0
–50
–100
–150
–200
–250
–20
0
20
40
60
80
VOUT – (VCC = 5V)
VOUT – (VCC = 10V)
VOUT + (VCC = 10V)
VOUT + (VCC = 5V)
TPC 23. AD8350 Output Offset Volt-
age vs. Temperature
5V
VCC = 5V
500mV
30ns
VOUT
ENBL
TPC 26. AD8350 Power-Up/Down
Response Time
FREQUENCY – MHz
10
0
50 100 150 200 250 300 350 400 450 500
9
8
7
6
5
VCC = 10V
VCC = 5V
TPC 21. AD8350-20 Noise Figure
vs. Frequency
FREQUENCY – MHz
–20
1
–30
–40
–50
–60
–70
–80
–90
10
100
1k
VCC = 5V
AD8350-20
AD8350-15
TPC 24. AD8350 PSRR vs. Frequency
C


Podobny numer części - AD8350ARZ15-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8350ARZ15-REEL7 AD-AD8350ARZ15-REEL7 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
More results

Podobny opis - AD8350ARZ15-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
   Wideband, Low Distortion, Differential Amplifier
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com