Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL7003CHIPS Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADL7003CHIPS
Szczegółowy opis  Wideband Low Noise Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL7003CHIPS Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADL7003CHIPS Datasheet HTML 6Page - Analog Devices ADL7003CHIPS Datasheet HTML 7Page - Analog Devices ADL7003CHIPS Datasheet HTML 8Page - Analog Devices ADL7003CHIPS Datasheet HTML 9Page - Analog Devices ADL7003CHIPS Datasheet HTML 10Page - Analog Devices ADL7003CHIPS Datasheet HTML 11Page - Analog Devices ADL7003CHIPS Datasheet HTML 12Page - Analog Devices ADL7003CHIPS Datasheet HTML 13Page - Analog Devices ADL7003CHIPS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ADL7003
Data Sheet
Rev. 0 | Page 10 of 18
50
90
FREQUENCY (GHz)
10
0
1
2
3
4
5
6
7
8
9
55
60
65
70
75
80
85
2.0V
2.7V
3.0V
3.3V
4.0V
Figure 22. Noise Figure vs. Frequency for Various VDD Values
20
0
50
90
FREQUENCY (GHz)
2
4
6
8
10
12
14
16
18
55
60
65
70
75
80
85
+85°C
+25°C
–55°C
Figure 23. Output P1dB vs. Frequency at Various Temperatures
20
0
100mA
120mA
140mA
160mA
180mA
2
4
6
8
10
12
14
16
18
50
90
FREQUENCY (GHz)
55
60
65
70
75
80
85
Figure 24. P1dB vs. Frequency for Various IDQ Values
50
90
FREQUENCY (GHz)
20
0
55
60
65
70
75
80
85
2.0V
2.7V
3.0V
3.3V
4.0V
2
4
6
8
10
12
14
16
18
Figure 25. P1dB vs. Frequency for Various VDD Values
20
0
2
4
6
8
10
12
14
16
18
+85°C
+25°C
–55°C
50
90
FREQUENCY (GHz)
55
60
65
70
75
80
85
Figure 26. PSAT vs. Frequency at Various Temperatures
50
95
20
0
FREQUENCY (GHz)
2
4
6
8
10
12
14
16
18
100mA
120mA
140mA
160mA
180mA
55
60
65
70
75
80
85
90
Figure 27. PSAT vs. Frequency at Various IDQ Values


Podobny numer części - ADL7003CHIPS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL7078 AD-ADL7078 Datasheet
1Mb / 19P
   High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
Rev. 0
ADL7078-EVALZ AD-ADL7078-EVALZ Datasheet
1Mb / 19P
   High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
Rev. 0
ADL7078ACPZN AD-ADL7078ACPZN Datasheet
1Mb / 19P
   High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
Rev. 0
ADL7078ACPZN-R7 AD-ADL7078ACPZN-R7 Datasheet
1Mb / 19P
   High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
Rev. 0
More results

Podobny opis - ADL7003CHIPS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TriQuint Semiconductor
TGA4830 TRIQUINT-TGA4830_15 Datasheet
569Kb / 10P
   Wideband Low Noise Amplifier
logo
DAICO Industries, Inc.
DAML6284 DAICO-DAML6284 Datasheet
130Kb / 1P
   Wideband Low Noise Amplifier
logo
Analog Devices
HMC-AUH312 AD-HMC-AUH312 Datasheet
315Kb / 17P
   Low Noise Wideband Amplifier
logo
TriQuint Semiconductor
TGA4830-EPU TRIQUINT-TGA4830-EPU Datasheet
717Kb / 9P
   Wideband Low Noise Amplifier
logo
Fairchild Semiconductor
RMLA3565C FAIRCHILD-RMLA3565C Datasheet
257Kb / 5P
   Wideband Low Noise MMIC Amplifier
logo
Intersil Corporation
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
logo
Analog Microelectronics
MA-322 AME-MA-322 Datasheet
592Kb / 3P
   LOW-NOISE WIDEBAND OPREATIONAL AMPLIFIER
logo
List of Unclassifed Man...
RMLA3565-58 ETC-RMLA3565-58 Datasheet
349Kb / 8P
   Wideband Low Noise MMIC Amplifier
RMLA3565A-58 ETC-RMLA3565A-58 Datasheet
244Kb / 8P
   Wideband Low Noise MMIC Amplifier
logo
Intersil Corporation
EL2125 INTERSIL-EL2125 Datasheet
401Kb / 15P
   Ultra-Low Noise, Low Power, Wideband Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com