Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8350ARZ20-REEL7 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD8350ARZ20-REEL7
Szczegółowy opis  Low Distortion 1.0 GHz Differential Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8350ARZ20-REEL7 Arkusz danych(HTML) 4 Page - Analog Devices

  AD8350ARZ20-REEL7 Datasheet HTML 1Page - Analog Devices AD8350ARZ20-REEL7 Datasheet HTML 2Page - Analog Devices AD8350ARZ20-REEL7 Datasheet HTML 3Page - Analog Devices AD8350ARZ20-REEL7 Datasheet HTML 4Page - Analog Devices AD8350ARZ20-REEL7 Datasheet HTML 5Page - Analog Devices AD8350ARZ20-REEL7 Datasheet HTML 6Page - Analog Devices AD8350ARZ20-REEL7 Datasheet HTML 7Page - Analog Devices AD8350ARZ20-REEL7 Datasheet HTML 8Page - Analog Devices AD8350ARZ20-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
REV.
AD8350
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8350 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN FUNCTION DESCRIPTIONS
Pin
Function
Description
1, 8
IN+, IN–
Differential Inputs. IN+ and IN–
should be ac-coupled (pins have a dc
bias of midsupply). Differential input
impedance is 200
Ω.
2
ENBL
Power-up Pin. A high level (5 V) enables
the device; a low level (0 V) puts device
in sleep mode.
3VCC
Positive Supply Voltage. 5 V to 10 V.
4, 5
OUT+, OUT–
Differential Outputs. OUT+ and
OUT– should be ac-coupled (pins have
a dc bias of midsupply). Differential
input impedance is 200
Ω.
6, 7
GND
Common External Ground Reference.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage, VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 V
Input Power Differential . . . . . . . . . . . . . . . . . . . . . . +8 dBm
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . 400 mW
θJA SOIC (R) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100°C/W
θJA μSOIC (RM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 133°C/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125
°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
IN+
ENBL
VCC
OUT+
IN–
GND
GND
OUT–
AD8350
C


Podobny numer części - AD8350ARZ20-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8350ARZ20-REEL7 AD-AD8350ARZ20-REEL7 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
More results

Podobny opis - AD8350ARZ20-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
   Wideband, Low Distortion, Differential Amplifier
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com