Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJ-2509N Arkusz danych(PDF) 3 Page - CUI INC

Numer części MJ-2509N
Szczegółowy opis  2.5 MM AUDIO JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CUI [CUI INC]
Strona internetowa  http://www.cui.com
Logo CUI - CUI INC

MJ-2509N Arkusz danych(HTML) 3 Page - CUI INC

  MJ-2509N Datasheet HTML 1Page - CUI INC MJ-2509N Datasheet HTML 2Page - CUI INC MJ-2509N Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CUI Inc
│ MODEL: MJ-2509N │ DESCRIPTION: 2.5 MM AUDIO JACK
date 02/06/2018
│ page 3 of 3
CUI offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical component is any component of a
life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
11/30/2005
1.01
updated datasheet
02/06/2018
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
For more information, please visit the product page.


Podobny numer części - MJ-2509N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MJ-2509N ETC1-MJ-2509N Datasheet
56Kb / 1P
   MJ-2509N
logo
CUI Devices
MJ-2509N CUID-MJ-2509N Datasheet
328Kb / 3P
   2.5 MM AUDIO JACK
10/04/2019
More results

Podobny opis - MJ-2509N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CUI INC
MR-2501 CUI-MR-2501 Datasheet
261Kb / 3P
   2.5 MM AUDIO JACK
logo
CUI Devices
MJ-2509N CUID-MJ-2509N Datasheet
328Kb / 3P
   2.5 MM AUDIO JACK
10/04/2019
logo
CUI INC
SJ1-4253X-SMT CUI-SJ1-4253X-SMT_18 Datasheet
441Kb / 4P
   2.5 MM AUDIO JACKS
SJ1-4251 CUI-SJ1-4251 Datasheet
159Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-4251X CUI-SJ1-4251X Datasheet
159Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-253X-SMT CUI-SJ1-253X-SMT Datasheet
187Kb / 3P
   2.5 MM AUDIO JACKS
SJ-252X-SMT CUI-SJ-252X-SMT_18 Datasheet
449Kb / 4P
   2.5 MM AUDIO JACKS
SJ1-4251X-SMT CUI-SJ1-4251X-SMT Datasheet
185Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-251X-SMT CUI-SJ1-251X-SMT Datasheet
170Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-4253X-SMT CUI-SJ1-4253X-SMT Datasheet
191Kb / 3P
   2.5 MM AUDIO JACKS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com