Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FZT956QTA Arkusz danych(PDF) 4 Page - Diodes Incorporated

Numer części FZT956QTA
Szczegółowy opis  200V PNP MEDIUM POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT956QTA Arkusz danych(HTML) 4 Page - Diodes Incorporated

  FZT956QTA Datasheet HTML 1Page - Diodes Incorporated FZT956QTA Datasheet HTML 2Page - Diodes Incorporated FZT956QTA Datasheet HTML 3Page - Diodes Incorporated FZT956QTA Datasheet HTML 4Page - Diodes Incorporated FZT956QTA Datasheet HTML 5Page - Diodes Incorporated FZT956QTA Datasheet HTML 6Page - Diodes Incorporated FZT956QTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FZT956
Datasheet Number: DS36119 Rev. 6 - 2
4 of 7
www.diodes.com
April 2017
© Diodes Incorporated
FZT956
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ.
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-220
-300
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 10)
BVCER
-220
-300
V
IC = -1µA, RB ≤ 1kΩ
Collector-Emitter Breakdown Voltage (Note 10)
BVCEO
-200
-240
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-7
-8.3
V
IE = -100µA
Collector Cut-Off Current
ICBO
-50
-1
nA
µA
VCB = -200V
VCB = -200V, TA = +100°C
Collector Cut-Off Current
ICER
-50
-1
nA
µA
VCE = -200V, R 1kΩ
VCE = -200V, TA = +100°C
Emitter Cut-Off Current
IEBO
-10
nA
VEB = -6V
DC Current Transfer Static Ratio (Note 10)
hFE
100
200
IC = -10mA, VCE = -5V
100
200
300
IC = -1A, VCE = -5V
50
150
IC = -2A, VCE = -5V
10
IC = -5A, VCE = -5V
Collector-Emitter Saturation Voltage (Note 10)
VCE(SAT)
-30
-50
mV
IC = -100mA, IB = -10mA
-120
-165
IC = -1A, IB = -100mA
-168
-275
IC = -2A, IB = -400mA
Base-Emitter Saturation Voltage (Note 10)
VBE(SAT)
-970
-1,110
mV
IC = -2A, IB = -400mA
Base-Emitter Turn-On Voltage (Note 10)
VBE(ON)
-810
-950
mV
IC = -2A, VCE = -5V
Transitional Frequency (Note 10)
fT
110
MHz
IC = -100mA, VCE = -10V,
f = 50MHz
Output Capacitance
COBO
32
pF
VCB = -20V, f = 1MHz
Switching Time
tON
67
ns
VCC = -50V, IC = -1A,
-IB1 = IB2 = -100mA
tOFF
1,140
Note:
10. Measured under pulsed conditions. Pulse width
≤ 300μs. Duty cycle ≤ 2%.


Podobny numer części - FZT956QTA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zetex Semiconductors
FZT956 ZETEX-FZT956 Datasheet
115Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Guangdong Kexin Industr...
FZT956 KEXIN-FZT956 Datasheet
40Kb / 2P
   NPN Silicon Planar High Voltage Transistor
logo
Diodes Incorporated
FZT956 DIODES-FZT956 Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT956 DIODES-FZT956 Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT956TA DIODES-FZT956TA Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
More results

Podobny opis - FZT956QTA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
ZXTP03200BG DIODES-ZXTP03200BG_16 Datasheet
433Kb / 7P
   200V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
FZT796A DIODES-FZT796A_16 Datasheet
801Kb / 7P
   200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
FZT956 DIODES-FZT956_15 Datasheet
585Kb / 7P
   200V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZTX796A DIODES-ZTX796A_15 Datasheet
1,023Kb / 7P
   200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR IN E-LINE
logo
NXP Semiconductors
PBSS5540Z PHILIPS-PBSS5540Z Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Aug 04
logo
Guangdong Kexin Industr...
BC869 KEXIN-BC869 Datasheet
53Kb / 2P
   PNP Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SA1036KPT CHENMKO-2SA1036KPT Datasheet
102Kb / 3P
   Medium Power PNP Transistor
logo
Galaxy Semi-Conductor H...
BC869 BILIN-BC869 Datasheet
142Kb / 3P
   PNP medium power Transistor
logo
Chenmko Enterprise Co. ...
2SB1188PT CHENMKO-2SB1188PT Datasheet
242Kb / 3P
   PNP Medium Power Transistor
logo
Guangdong Kexin Industr...
KCP69 KEXIN-KCP69 Datasheet
79Kb / 2P
   PNP medium power transistor
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com