Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8620BR-REEL Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD8620BR-REEL
Szczegółowy opis  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8620BR-REEL Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD8620BR-REEL Datasheet HTML 6Page - Analog Devices AD8620BR-REEL Datasheet HTML 7Page - Analog Devices AD8620BR-REEL Datasheet HTML 8Page - Analog Devices AD8620BR-REEL Datasheet HTML 9Page - Analog Devices AD8620BR-REEL Datasheet HTML 10Page - Analog Devices AD8620BR-REEL Datasheet HTML 11Page - Analog Devices AD8620BR-REEL Datasheet HTML 12Page - Analog Devices AD8620BR-REEL Datasheet HTML 13Page - Analog Devices AD8620BR-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. D
–10–
AD8610/AD8620
Driving Large Capacitive Loads
The AD8610 has excellent capacitive load driving capability and
can safely drive up to 10 nF when operating with
±5 V supply.
Figures 4 and 5 compare the AD8610/AD8620 against the OPA627
in the noninverting gain configuration driving a 10 k
Ω resistor and
10,000 pF capacitor placed in parallel on its output, with a square
wave input set to a frequency of 200 kHz. The AD8610 has much
less ringing than the OPA627 with heavy capacitive loads.
TIME – 2 s/DIV
VS =
5V
CL = 10,000pF
RL = 10k
Figure 4. OPA627 Driving CL = 10,000 pF
TIME – 2 s/DIV
VS =
5V
CL = 10,000pF
RL = 10k
Figure 5. AD8610/AD8620 Driving CL = 10,000 pF
The AD8610/AD8620 can drive much larger capacitances without
any external compensation. Although the AD8610/AD8620 is stable
with very large capacitive loads, remember that this capacitive
loading will limit the bandwidth of the amplifier. Heavy capacitive
loads will also increase the amount of overshoot and ringing at the
output. Figures 7 and 8 show the AD8610/AD8620 and the OPA627
in a noninverting gain of +2 driving 2
µF of capacitance load. The
ringing on the OPA627 is much larger in magnitude and continues
more than 10 times longer than the AD8610.
VIN = 50mV
2k
2k
–5V
+5V
2 F
3
2
7
4
Figure 6. Capacitive Load Drive Test Circuit
TIME – 20 s/DIV
VS =
5V
RL = 10k
CL = 2 F
Figure 7. OPA627 Capacitive Load Drive, AV = +2
TIME – 20 s/DIV
VS =
5V
RL = 10k
CL = 2 F
Figure 8. AD8610/AD8620 Capacitive Load Drive, AV = +2
Slew Rate (Unity Gain Inverting vs. Noninverting)
Amplifiers generally have a faster slew rate in an inverting unity
gain configuration due to the absence of the differential input
capacitance. Figures 9 through 12 show the performance of the
AD8610 configured in a gain of –1 compared to the OPA627.
The AD8610 slew rate is more symmetrical, and both the positive
and negative transitions are much cleaner than in the OPA627.


Podobny numer części - AD8620BR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8620BR-REEL AD-AD8620BR-REEL Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8620BR-REEL7 AD-AD8620BR-REEL7 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
More results

Podobny opis - AD8620BR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com