Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZM23601 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części LMZM23601
Szczegółowy opis  36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM23601 Arkusz danych(HTML) 4 Page - Texas Instruments

  LMZM23601 Datasheet HTML 1Page - Texas Instruments LMZM23601 Datasheet HTML 2Page - Texas Instruments LMZM23601 Datasheet HTML 3Page - Texas Instruments LMZM23601 Datasheet HTML 4Page - Texas Instruments LMZM23601 Datasheet HTML 5Page - Texas Instruments LMZM23601 Datasheet HTML 6Page - Texas Instruments LMZM23601 Datasheet HTML 7Page - Texas Instruments LMZM23601 Datasheet HTML 8Page - Texas Instruments LMZM23601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
1
GND
2
MODE/SYNC
3
VIN
4
EN
5
PGOOD
10
DNC
9
DNC
8
DNC
7
FB
6
VOUT
Not to scale
Thermal
Pad
4
LMZM23601
SNVSAQ4A – DECEMBER 2017 – REVISED APRIL 2018
www.ti.com
Product Folder Links: LMZM23601
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
6 Pin Configuration and Functions
SIL Package
10-Pin MicroSiP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
GND
G
Ground for all circuitry. Reference point for all voltages.
2
MODE/SY
NC
I
This is a multifunction mode control input which is tolerant of voltages up to the input voltage.
With this input tied LOW, the device is in Auto PFM mode with automatic transition between PFM
and PWM with diode emulation at light load. This mode is recommended when the application
requires high efficiency at light load.
With this input tied HIGH, the device is in forced PWM mode. The device switches at the internal
clock frequency. This mode is recommended when the application requires constant switching
frequency across the entire load current.
With a valid synchronization signal at this pin, the device switches in forced PWM mode at the
external clock frequency and synchronized with it at the rising edge of the clock.
Do not float this pin.
3
VIN
P
Input supply to the regulator. Connect a high-quality bypass capacitor(s) directly to this pin and the
GND pin (pin 1).
4
EN
I
Enable input to the regulator. HIGH = ON, LOW = OFF. This pin can be connected to VIN. Do not
float.
5
PGOOD
O
Open-drain, power-good output. Connect to a suitable voltage supply through a current limiting
resistor. HIGH = power is good, LOW = fault. This output terminal is LOW when EN is LOW.
6
VOUT
O
Output voltage terminal. It is internally connected to one terminal of the integrated inductor. Connect
an output filter capacitor from VOUT to GND and place the capacitor as close as possible to the
VOUT pin.
7
FB
I
Feedback input to the regulator.
If using the fixed 3.3-V or 5-V options of the device, connect this pin to the positive end of the output
filter capacitor (the VOUT node).
If using the adjustable output option of the device connect this to the feedback voltage divider and
keep this node as small as possible on the board layout.
8
DNC
O
Do not connect. Leave floating. This pin provides access to the internal VCC voltage of the device.
9
DNC
O
Do not connect. Leave floating. This pin provides access to the internal BOOT voltage for the high
side MOSFET driver.
10
DNC
O
Do not connect. Leave floating. This pin provides access to the internal SW voltage of the device.
Thermal Pad
G
This terminal is internally connected to GND and provides a wide thermal connection from the IC to
the PCB. Connect to electrical ground plane for adequate heat sinking.
G = Ground, I = Input, O = Output, P = Power


Podobny numer części - LMZM23601

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
More results

Podobny opis - LMZM23601

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZM23600 TI1-LMZM23600 Datasheet
1,006Kb / 36P
[Old version datasheet]   36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Texas Instruments
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
logo
Alpha & Omega Semicondu...
AOZ29303QI AOSMD-AOZ29303QI Datasheet
2Mb / 20P
   30 V 3 A Step-Down Integrated DC-DC Power Module
Rev. 1.1 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com