Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM272D Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części LM272D
Szczegółowy opis  DUAL POWER OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM272D Arkusz danych(HTML) 5 Page - STMicroelectronics

  LM272D Datasheet HTML 1Page - STMicroelectronics LM272D Datasheet HTML 2Page - STMicroelectronics LM272D Datasheet HTML 3Page - STMicroelectronics LM272D Datasheet HTML 4Page - STMicroelectronics LM272D Datasheet HTML 5Page - STMicroelectronics LM272D Datasheet HTML 6Page - STMicroelectronics LM272D Datasheet HTML 7Page - STMicroelectronics LM272D Datasheet HTML 8Page - STMicroelectronics LM272D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Figure 7 :
Channel Separation versus
Frequency
Figure 8 :
Common Mode Rejection versus
Frequency
APPLICATION SUGGESTION
NOTE
In order to avoid possible instability occuring into fi-
nal stage the usual suggestions for the linear power
stages are useful, as for instance :
- layout accuracy ;
- a 100nF capacitor corrected between supply pins
and ground ;
- boucherot cell (0.1 to 0.2
µF+1 Ω series)between
outputs and ground or across the load.
Figure 9 : Bidirectional DC Motor Control with
µP Compatible Inputs
Figure 10 : Servocontrol for Compact-disc
Figure 11 : Capstan Motor Control in Video Recorders
L272
5/10


Podobny numer części - LM272D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2720 NSC-LM2720 Datasheet
149Kb / 8P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720 NSC-LM2720 Datasheet
348Kb / 10P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720M NSC-LM2720M Datasheet
149Kb / 8P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720M NSC-LM2720M Datasheet
348Kb / 10P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720 NSC-LM2720_09 Datasheet
348Kb / 10P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
More results

Podobny opis - LM272D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
   Dual Power Operational Amplifier
logo
ON Semiconductor
NCS5652 ONSEMI-NCS5652 Datasheet
317Kb / 13P
   Dual Power Operational Amplifier
June, 2015 ??Rev. 1
logo
Sanyo Semicon Device
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
   Dual Power Operational Amplifier
logo
Samsung semiconductor
KA9256 SAMSUNG-KA9256 Datasheet
80Kb / 2P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
Siemens Semiconductor G...
TCA2465 SIEMENS-TCA2465 Datasheet
283Kb / 26P
   Dual Power Operational Amplifier
logo
Fairchild Semiconductor
KA334 FAIRCHILD-KA334 Datasheet
36Kb / 8P
   Dual Power Operational Amplifier
logo
Toshiba Semiconductor
TA8406P TOSHIBA-TA8406P Datasheet
260Kb / 7P
   DUAL POWER OPERATIONAL AMPLIFIER
TA8410P TOSHIBA-TA8410P Datasheet
281Kb / 8P
   DUAL POWER OPERATIONAL AMPLIFIER
TA8464K TOSHIBA-TA8464K Datasheet
202Kb / 5P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
Motorola, Inc
TCA0372 MOTOROLA-TCA0372 Datasheet
158Kb / 8P
   Dual Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com