Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5272IPFPT Arkusz danych(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS5272IPFPT
Szczegółowy opis  8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5272IPFPT Arkusz danych(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS5272IPFPT Datasheet HTML 3Page - Burr-Brown (TI) ADS5272IPFPT Datasheet HTML 4Page - Burr-Brown (TI) ADS5272IPFPT Datasheet HTML 5Page - Burr-Brown (TI) ADS5272IPFPT Datasheet HTML 6Page - Burr-Brown (TI) ADS5272IPFPT Datasheet HTML 7Page - Burr-Brown (TI) ADS5272IPFPT Datasheet HTML 8Page - Burr-Brown (TI) ADS5272IPFPT Datasheet HTML 9Page - Burr-Brown (TI) ADS5272IPFPT Datasheet HTML 10Page - Burr-Brown (TI) ADS5272IPFPT Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADS5272
SBAS324 − JUNE 2004
www.ti.com
7
LVDS TIMING DIAGRAM (PER ADC CHANNEL)
ADCLK
6X ADCLK
SERIAL DATA
1X ADCLK
LCLKP
LCLKN
OUTP
OUTN
ADCLKP
ADCLKN
Sample n data
Input
t
PROP
t
D(A)
Sample n
Sample n+6
D3 D4 D5 D6 D7 D8 D9
D0 D1 D2
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9
D11
D10
1
t
SAMPLE
t
S
2
D11
D10
D1
D0
6.5 Clock Cycles
RESET TIMING
0V
+AVDD
0V
+AVDD
Power
Supply
RESET
t
1
t
2
t
1 > 10ms
t
2 > 100ns
POWER-DOWN TIMING
PD
Device Fully
Powers Down
Device Fully
Powers Up
1
µs
10
µs


Podobny numer części - ADS5272IPFPT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5272IPFPT TI1-ADS5272IPFPT Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
ADS5272IPFPTG4 TI1-ADS5272IPFPTG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
More results

Podobny opis - ADS5272IPFPT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1127 MAXIM-MAX1127 Datasheet
1Mb / 25P
   Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 3/04
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Burr-Brown (TI)
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
   4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
ADS5242 TI-ADS5242 Datasheet
1,010Kb / 29P
[Old version datasheet]   4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5273 BURR-BROWN-ADS5273 Datasheet
254Kb / 16P
   8-Channel, 12-Bit, 70MSPS ADC with Serialized LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com