Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2370FV Arkusz danych(PDF) 1 Page - Rohm

Numer części BU2370FV
Szczegółowy opis  VCO phase comparator for TV
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU2370FV Arkusz danych(HTML) 1 Page - Rohm

  BU2370FV Datasheet HTML 1Page - Rohm BU2370FV Datasheet HTML 2Page - Rohm BU2370FV Datasheet HTML 3Page - Rohm BU2370FV Datasheet HTML 4Page - Rohm BU2370FV Datasheet HTML 5Page - Rohm BU2370FV Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BU2370FV
Multimedia ICs
1/5
VCO + phase comparator for TV
BU2370FV
BU2370FV is a VCO+phase comparator IC used to construct PLL system. Adopting external LPF and divider can
generate the PLL system and low jitter clocks. Output can be switched into half.
Applications
TV
Features
1) VCO can oscillate output (20MHz to 60MHz)
2) High-speed edge trigger type phase comparator
3) Can control VCO, and phase comparator
independently
4) 3.3V signal power supply
5) Small SSOP-B14 package
External dimensions (Unit : mm)
SSOP-B14
8
7
14
1
5.0 ± 0.2
0.22 ± 0.1
0.65
0.15 ± 0.1
0.1
Absolute maximum ratings (Ta=25
°C)
Parameter
Unit
V
V
°C
Symbol
VDD
VIN
Tstg
Pd
Limits
−0.5 to +7.0
−0.5 to VDD+0.5
−30 to +125
350
mW
Power supply voltalge
Inpuit voltage
Operating temperature range
Power dissipation
∗An operation is not guranteed.
∗Derating : 3.5mW/°C for operation above Ta=25°C.
∗Radiation resistance design is not used.
∗Power dissipation is measured when BU2370FV is placed on the board.
Recommended operating conditions
Parameter
Symbol
Typ.
Max.
Unit
Min.
Power supply voltage
VDD
3.45
V
3.15
Input H voltage range
VDD
VIH
V
0.8VDD
Input L voltage range
0.2VDD
V
VIL
0
Operating temperature
70
°C
Topr
−20
Output load
15
CL
pF


Podobny numer części - BU2370FV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2373FV ROHM-BU2373FV Datasheet
282Kb / 6P
   VCO & Phase-Detector for PLL System
BU2373FV ROHM-BU2373FV Datasheet
388Kb / 19P
   High Performance VCOs for Image Sampling
BU2373FV ROHM-BU2373FV_11 Datasheet
388Kb / 19P
   High Performance VCOs for Image Sampling
BU2374FV ROHM-BU2374FV Datasheet
97Kb / 8P
   VCO phase comparator IC for PLL system
BU2374FV ROHM-BU2374FV Datasheet
288Kb / 6P
   Silicon monolithic integrated circuit
More results

Podobny opis - BU2370FV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2374FV ROHM-BU2374FV Datasheet
97Kb / 8P
   VCO phase comparator IC for PLL system
logo
Toshiba Semiconductor
TC5081AP TOSHIBA-TC5081AP Datasheet
68Kb / 4P
   PHASE COMPARATOR
TC5081BP TOSHIBA-TC5081BP Datasheet
178Kb / 6P
   PHASE COMPARATOR
logo
National Semiconductor ...
MM54C932 NSC-MM54C932 Datasheet
121Kb / 6P
   Phase Comparator
logo
Rohm
BU2373FV ROHM-BU2373FV Datasheet
282Kb / 6P
   VCO & Phase-Detector for PLL System
logo
Skyworks Solutions Inc.
APN1005 SKYWORKS-APN1005 Datasheet
270Kb / 11P
   A Balanced Wideband VCO for Set-Top TV Tuner Applications
logo
NTE Electronics
NTE1192 NTE-NTE1192 Datasheet
21Kb / 2P
   Integrated Circuit VCO for Phase Lock Loop(PLL)
NTE1208 NTE-NTE1208 Datasheet
19Kb / 2P
   Integrated Circuit CMOS, Phase Comparator
logo
Motorola, Inc
MC14568B MOTOROLA-MC14568B Datasheet
326Kb / 12P
   Phase Comparator and Programmable Counters
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com