Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF200P222 Arkusz danych(PDF) 6 Page - Infineon Technologies AG

Numer części IRF200P222
Szczegółowy opis  UPS and Inverter applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF200P222 Arkusz danych(HTML) 6 Page - Infineon Technologies AG

Back Button IRF200P222 Datasheet HTML 2Page - Infineon Technologies AG IRF200P222 Datasheet HTML 3Page - Infineon Technologies AG IRF200P222 Datasheet HTML 4Page - Infineon Technologies AG IRF200P222 Datasheet HTML 5Page - Infineon Technologies AG IRF200P222 Datasheet HTML 6Page - Infineon Technologies AG IRF200P222 Datasheet HTML 7Page - Infineon Technologies AG IRF200P222 Datasheet HTML 8Page - Infineon Technologies AG IRF200P222 Datasheet HTML 9Page - Infineon Technologies AG IRF200P222 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Final Datasheet
6
V1.0
2017-03-10
IR MOSFET-StrongIRFET™
IRF200P222
Electrical characteristic diagrams
4
Electrical characteristic diagrams
Figure 3 Typical Output Characteristics
Figure 4 Typical Output Characteristics
Figure 5 Typical Transfer Characteristics
Figure 6 Normalized On-Resistance vs. Temperature
 
 
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
15V
10V
7.0V
6.0V
5.5V
5.0V
4.5V
BOTTOM
4.0V
60µs PULSE WIDTH
Tj = 25°C
4.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
15V
10V
7.0V
6.0V
5.5V
5.0V
4.5V
BOTTOM
4.0V
60µs PULSE WIDTH
Tj = 175°C
4.0V
2
3
4
5
6
7
8
VGS, Gate-to-Source Voltage (V)
1
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 50V
 60µs PULSE WIDTH
-60
-20
20
60
100
140
180
TJ , Junction Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ID = 82A
VGS = 10V


Podobny numer części - IRF200P222

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
IRF200P222 ISC-IRF200P222 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-7
More results

Podobny opis - IRF200P222

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
IRF100P219 INFINEON-IRF100P219 Datasheet
1Mb / 17P
   UPS and Inverter applications
V2.0 2017-12-18
IRF100P218 INFINEON-IRF100P218 Datasheet
1Mb / 17P
   UPS and Inverter applications
V1.0 2017-12-18
logo
Shenzhen Huazhimei Semi...
HM70N20T HMSEMI-HM70N20T Datasheet
402Kb / 9P
   UPS and inverter.
logo
International Rectifier
IRLB8721PBF IRF-IRLB8721PBF_15 Datasheet
272Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8743PBF IRF-IRLB8743PBF_15 Datasheet
271Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8748PBF IRF-IRLB8748PBF_15 Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
IRFR8314PBF IRF-IRFR8314PBF_15 Datasheet
549Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB4132PBF INFINEON-IRLB4132PBF Datasheet
2Mb / 9P
   Optimized for UPS/Inverter Applications
2019-08-14
logo
International Rectifier
IRL8114PBF IRF-IRL8114PBF_15 Datasheet
429Kb / 7P
   Optimized for UPS/Inverter Applications
IRLB8314PBF IRF-IRLB8314PBF_15 Datasheet
697Kb / 8P
   Optimized for UPS/Inverter Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com