Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC79L12ACPRAG Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC79L12ACPRAG
Szczegółowy opis  100 mA Negative Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79L12ACPRAG Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button MC79L12ACPRAG Datasheet HTML 2Page - ON Semiconductor MC79L12ACPRAG Datasheet HTML 3Page - ON Semiconductor MC79L12ACPRAG Datasheet HTML 4Page - ON Semiconductor MC79L12ACPRAG Datasheet HTML 5Page - ON Semiconductor MC79L12ACPRAG Datasheet HTML 6Page - ON Semiconductor MC79L12ACPRAG Datasheet HTML 7Page - ON Semiconductor MC79L12ACPRAG Datasheet HTML 8Page - ON Semiconductor MC79L12ACPRAG Datasheet HTML 9Page - ON Semiconductor MC79L12ACPRAG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC79L00A Series
www.onsemi.com
6
TYPICAL CHARACTERISTICS
(TA = +25°C, unless otherwise noted.)
Figure 4. Dropout Characteristics
Figure 5. Dropout Voltage versus
Junction Temperature
Figure 6. Input Bias Current versus
Ambient Temperature
Figure 7. Input Bias Current versus
Input Voltage
Figure 8. Maximum Average Power Dissipation
versus Ambient Temperature (TO−92)
8.0
6.0
4.0
2.0
0
0
-2.0
-4.0
-6.0
-0.8
-10
Vin, INPUT VOLTAGE (V)
MC79L05C
VO = -5.0 V
TJ = 25°C
IO = 1.0 mA
IO = 100 mA
IO = 40 mA
-2.5
-2.0
-1.5
-1.0
-0.5
0
0
25
50
75
100
125
TJ, JUNCTION TEMPERATURE (°C)
IO = 70 mA
4.0
4.2
3.8
3.6
3.4
3.2
3.0
0
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
MC79L05C
Vin = -10 V
VO = -5.0 V
IO = 40 mA
5.0
4.0
3.0
2.0
1.0
0
0
-5.0
-10
-15
-20
-25
-30
-35
-40
Vin, INPUT VOLTAGE (V)
MC79L05C
VO = -5.0 V
IO = 40 mA
10,000
1,000
100
10
TA, AMBIENT TEMPERATURE (°C)
25
50
75
100
125
150
No Heatsink
RqJA = 200°C/W
PD(max) to 25°C = 625 mW
Figure 9. SOP−8 Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
30
50
70
90
110
130
150
0.4
0.8
1.2
1.6
2.0
2.4
2.8
020
30
50
40
10
L, LENGTH OF COPPER (mm)
170
3.2
PD(max) for TA = +50°C
RqJA
2.0 oz.
Copper
Graph represents symmetrical layout
3.0 mm
L
L
IO = 40 mA
IO = 1.0 mA
Dropout of Regulation is
defined when
DVO = 2% of VO


Podobny numer części - MC79L12ACPRAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC79L12ACPRAG ONSEMI-MC79L12ACPRAG Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
More results

Podobny opis - MC79L12ACPRAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L00 ONSEMI-MC79L00 Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
MC79L12ACDR2G ONSEMI-MC79L12ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_15 Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com