Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14093B Arkusz danych(PDF) 3 Page - Motorola, Inc

Numer części MC14093B
Szczegółowy opis  QUAD 2 INPUT NAND SCHMITT TRIGGER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14093B Arkusz danych(HTML) 3 Page - Motorola, Inc

  MC14093B Datasheet HTML 1Page - Motorola, Inc MC14093B Datasheet HTML 2Page - Motorola, Inc MC14093B Datasheet HTML 3Page - Motorola, Inc MC14093B Datasheet HTML 4Page - Motorola, Inc MC14093B Datasheet HTML 5Page - Motorola, Inc MC14093B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
3
MC14093B
SWITCHING CHARACTERISTICS (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ #
Max
Unit
Output Rise Time
tTLH
5.0
10
15
100
50
40
200
100
80
ns
Output Fall Time
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
tPLH, tPHL
5.0
10
15
125
50
40
250
100
80
ns
#Data labeled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Switching Time Test Circuit and Waveforms
PULSE
GENERATOR
VDD
OUTPUT
CL
VSS
7
14
INPUT
20 ns
20 ns
VDD
VSS
VOH
VOL
tPLH
tPHL
OUTPUT
INPUT
tTHL
tTLH
90%
50%
10%
90%
50%
10%
Vout
Vin
VH
VDD
VSS
VDD
VSS
(a) Schmitt Triggers will square up
(a) inputs with slow rise and fall times.
(b) A Schmitt trigger offers maximum
(b) noise immunity in gate applications.
VH
Vout
Vin
VDD
VSS
VDD
VSS
Figure 2. Typical Schmitt Trigger Applications


Podobny numer części - MC14093B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14093B ONSEMI-MC14093B Datasheet
215Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2000 ??Rev. 3
MC14093B ONSEMI-MC14093B Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC14093B ONSEMI-MC14093B Datasheet
141Kb / 8P
   Quad 2-Input
August, 2014 ??Rev. 10
MC14093BCP ONSEMI-MC14093BCP Datasheet
215Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2000 ??Rev. 3
MC14093BCP ONSEMI-MC14093BCP Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
More results

Podobny opis - MC14093B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com