Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


MXA2500EL Datasheet(Arkusz danych) 2 Page - List of Unclassifed Manufacturers

Numer części MXA2500EL
Szczegółowy opis  Ultra Low Noise, Offset Drift 1 g Dual Axis Accelerometer with Analog Outputs
Pobierz  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo 

   
 2 page
background image
MEMSIC MXA2500E Rev C
Page 2 of 9
29/7/2003
MXA2500E SPECIFICATIONS (Measurements @ 25°C, Acceleration = 0 g unless otherwise noted; VDD, VDA = 5.0V
unless otherwise specified)
Parameter
Conditions
Min
MXA2500E
Typ
Max
Units
SENSOR INPUT
Measurement Range1
Each Axis
±1.0
g
Nonlinearity
Best fit straight line
0.5
1.0
% of FS
Alignment Error2
±1.0
degree
Transverse Sensitivity3
±2.0
%
SENSITIVITY
Sensitivity, Analog Outputs at pins
AOUTX and AOUTY
6
Each Axis
475
500
525
mV/g
Change over Temperature (uncompensated)4
∆ from 25°C, at –40°C
+100
%
∆ from 25°C, at +105°C
-50
%
Change over Temperature (compensated) 4
∆ from 25°C, –40°C to +105°C
<3.0
%
ZERO g BIAS LEVEL
0 g Offset6
Each Axis
-0.1
0.00
+0.1
g
0 g Voltage6
1.20
1.25
1.30
V
0 g Offset over Temperature
∆ from 25°C
∆ from 25°C, based on 500mV/g
±0.4
±0.2
mg/
°C
mV/
°C
NOISE PERFORMANCE
Noise Density, rms
Without frequency compensation
0.2
0.4
mg/
Hz
FREQUENCY RESPONSE
3dB Bandwidth - uncompensated
17
Hz
3dB Bandwidth - compensated5
>160
Hz
TEMPERATURE OUTPUT
Tout Voltage
1.23
1.25
1.27
V
Sensitivity
4.6
5.0
5.4
mV/
°C
VOLTAGE REFERENCE
VRef
@3V-5.25V supply
2.4
2.5
2.65
V
Change over Temperature
0.1
mV/
°C
Current Drive Capability
Source
100
µA
SELF TEST
Continuous Voltage at AOUTX, AOUTY under
Failure
@5.0V Supply, output rails to
supply voltage
5.0
V
Continuous Voltage at AOUTX, AOUTY under
Failure
@3V Supply, output rails to
supply voltage
3.0
V
AOUTX and AOUTY OUTPUTS
Normal Output Range
@5.0V Supply
@3V Supply
0.1
0.1
4.9
2.9
V
V
Current
Source or sink, @ 3V-5.0V supply
100
µA
Turn-On Time
@5.0V Supply
@3V Supply
100
40
mS
mS
POWER SUPPLY
Operating Voltage Range
3.0
5.25
V
Supply Current
@ 5.0V
2.7
3.3
4.1
mA
Supply Current6,7
@ 3V
3.2
4.0
4.8
mA
TEMPERATURE RANGE
Operating Range
-40
+105
°C
NOTES
1 Guaranteed by measurement of initial offset and sensitivity.
2 Alignment error is specified as the angle between the true and indicated
axis of sensitivity.
3 Transverse sensitivity is the algebraic sum of the alignment and the
inherent sensitivity errors.
4 The sensitivity change over temperature for thermal accelerometers is
based on variations in heat transfer that are governed by the laws of
physics and it is highly consistent from device to device. Please refer to
the section in this data sheet titled “Compensation for the Change of
Sensitivity over Temperature” for more information.
5 External circuitry is required to extend the 3dB bandwidth. (ref.
Application Note: AN-00MX-003).
6 The device operates over a 3.0V to 5.25V supply range. Please note that
sensitivity and zero g bias level will be slightly different at 3.0V operation.
For devices to be operated at 3.0V in production, they can be trimmed at
the factory specifically for this lower supply voltage operation, in which
case the sensitivity and zero g bias level specifications on this page will be
met. Please contact the factory for specially trimmed devices for low
supply voltage operation.
7 Note that the accelerometer has a constant heater power control circuit
thereby requiring higher supply current at lower operating voltage.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MXD2020ELUltra Low Noise Low offset Drift +1g -1g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500UUltra Low Noise 1g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500GImproved Ultra Low Noise ±1.7 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD2020MLImproved Ultra Low Noise Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA6500GLow Cost Low Noise ±1 g Dual Axis Accelerometer with Absolute Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD2020GImproved Ultra Low Noise ±1.7 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR2312GImproved Ultra Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7202GLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7210GLow Cost Low Noise ±10 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7311GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl