Zakładka z wyszukiwarką danych komponentów |
|
SM8952A Arkusz danych(PDF) 9 Page - SyncMOS Technologies,Inc |
|
SM8952A Arkusz danych(HTML) 9 Page - SyncMOS Technologies,Inc |
9 / 17 page September 2002 Specifications subject to change without notice,contact your sales representatives for the most recent information. 9/17 Ver 1.0 PID 8951A/8952A 09/02 SyncMOS Technologies Inc. SM8951A/8952A NOTE: Oscillation circuit may differs with different crystal or ceramic resonator in higher oscillation frequency which was due to each crystal or ceramic resonator has its own characteristics. User should check with the crystal or ceramic resonator manufacturer for appropriate value of external components. XI X2 SM8951A/8952A X'tal R C1 C2 Data Memory Read Cycle Timing OSC T12 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T1 T2 T3 ALE 1 2 #PSEN #RD PORT2 PORT0 5 7 ADDRESS A15 - A8 INST in Float A7 - A0 3 4 3 Float 6 DATA in 8 Float ADDRESS or Float Application Reference X'tal 3MHz 6MHz 9MHz 12MHz C1 30 pF 30 pF 30 pF 30 pF C2 30 pF 30 pF 30 pF 30 pF R open open open open X'tal 16MHz 25MHz 33MHz 40MHz C1 30 pF 15 pF 5 pF 2 pF C2 30 pF 15 pF 5 pF 2 pF R open 62K Ω 6.8K Ω 4.7K Ω Valid for SM8951A/8952A |
Podobny numer części - SM8952A |
|
Podobny opis - SM8952A |