Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M9300A Arkusz danych(PDF) 5 Page - Keysight Technologies

Numer części M9300A
Szczegółowy opis  M9300A PXIe Frequency Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9300A Arkusz danych(HTML) 5 Page - Keysight Technologies

  M9300A Datasheet HTML 1Page - Keysight Technologies M9300A Datasheet HTML 2Page - Keysight Technologies M9300A Datasheet HTML 3Page - Keysight Technologies M9300A Datasheet HTML 4Page - Keysight Technologies M9300A Datasheet HTML 5Page - Keysight Technologies M9300A Datasheet HTML 6Page - Keysight Technologies M9300A Datasheet HTML 7Page - Keysight Technologies M9300A Datasheet HTML 8Page - Keysight Technologies M9300A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
05 | Keysight | M9300A PXIe Frequency Reference - Data Sheet
Technical Specifications and Characteristics (continued)
Frequency accuracy
Same as accuracy of internal time base or external reference input
Internal timebase
Accuracy
± (time since last adjustment x aging rate)
± temperature effects
± calibration accuracy
Frequency stability - Aging rate
Daily
< ± .5 ppb/day, after 72 hour warm-up, nominal
Yearly
< ± .10 ppm/year, after 72 hours warm-up, nominal
Total 10 years
< ± 0.6 ppm/10yrs, after 72 hours warm-up, nominal
Achievable initial calibration accuracy (at time of shipment)
± 5 x 10 -8
Frequency stability - Temperature effects
20 to 30 °C
< ± 10 ppb, nominal
Full temperature range
< ± 50 ppb, nominal
Frequency stability - warm up
5 minutes over +20 to +30 °C, with respect to 1 hour
< ± 0.1 ppm, nominal
15 minutes over +20 to +30 °C, with respect to 1 hour
< ± 0.01 ppm, nominal
External reference input
Frequency
1 MHz to 110 MHz, sine wave
Lock range
± 1 ppm, nominal
Amplitude
0 to 10 dBm, nominal
Connector
1 SMB snap-on
Impedance
50 Ω, nominal


Podobny numer części - M9300A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
M9300A KEYSIGHT-M9300A Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9300A KEYSIGHT-M9300A Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9300A KEYSIGHT-M9300A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
More results

Podobny opis - M9300A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AN6342N ETC1-AN6342N Datasheet
131Kb / 3P
   VTR REFERENCE FREQUENCY DIVIDER
logo
Abracon Corporation
SYNC-10MHZ ABRACON-SYNC-10MHZ Datasheet
2Mb / 2P
   Portable Precision Frequency Reference
10.02.11
logo
Keysight Technologies
M924XA KEYSIGHT-M924XA Datasheet
3Mb / 21P
   InfiniiVision PXIe Modular Oscilloscopes
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9010A KEYSIGHT-M9010A Datasheet
2Mb / 13P
   M9010A PXIe Chassis
M9380A KEYSIGHT-M9380A_18 Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9380A KEYSIGHT-M9380A Datasheet
3Mb / 17P
   M9380A PXIe CW Source
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9203A KEYSIGHT-M9203A_18 Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9018B KEYSIGHT-M9018B Datasheet
2Mb / 14P
   18-slot PXIe Chassis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com