Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M9336A Arkusz danych(PDF) 6 Page - Keysight Technologies

Numer części M9336A
Szczegółowy opis  M9336A PXIe I/Q Arbitrary Waveform Generator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9336A Arkusz danych(HTML) 6 Page - Keysight Technologies

Back Button M9336A Datasheet HTML 2Page - Keysight Technologies M9336A Datasheet HTML 3Page - Keysight Technologies M9336A Datasheet HTML 4Page - Keysight Technologies M9336A Datasheet HTML 5Page - Keysight Technologies M9336A Datasheet HTML 6Page - Keysight Technologies M9336A Datasheet HTML 7Page - Keysight Technologies M9336A Datasheet HTML 8Page - Keysight Technologies M9336A Datasheet HTML 9Page - Keysight Technologies M9336A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
06 | Keysight | M9336A I/Q Arbitrary Waveform Generator - Data Sheet
Module memory
The AWG has up to 4 GB of memory which is managed as a single shared storage
space for waveforms, markers, and sequencer programs. The memory segments for the
data that shares this storage space are dynamically allocated. This generally results in
>500 MSa of waveform storage (depending on memory option).
Triggers and markers
The AWG can accept hardware or software triggers which are primarily used to:
– Control the starting of waveform segments/sequences
– Control internal operation of waveform sequences, e.g. loop until trigger and wait for
trigger
Triggers sources include the front panel Ext 1/2 connectors and PXI backplane. Software
triggers are also allowed.
Output markers are used to identify points in time that are correlated to a waveform as it
is played. Each marker is typically aligned with a particular sample of the waveform. The
marker can be output on:
– An analog channel. A marker being output on an analog channel goes through the
same DSP signal chain as other channels and results in the most accurate place-
ment relative to another analog channel.
– Through the front panel Ext 1/2 connectors
– Through the PXI trigger lines
Keysight Trueform signal generation
The AWG includes Keysight’s exclusive Trueform technology that allows waveforms to
be expressed with the same shape, regardless if the signal is 1 Sa/s or the maximum
rate of 1.28 GSa/s. Waveforms are always anti-aliased for exceptional accuracy, and can
be played at the selectable sample rate, without the chance of missing short-duration
anomalies that are critical for testing device reliability. Digital waveforms with transients
and pulses can be reproduced with the same characteristics every time.
Many arbitrary waveform generators store points in memory and then read those points
out one after another and clock them into a DAC. This requires a low-noise variable-fre-
quency clock which adds to complexity and cost. Trueform technology instead uses a
patented virtual variable clock with advanced filtering techniques that track the sample
rate of the arbitrary waveform. This exclusive digital sampling technique results in overall
better signal integrity with more efficient memory use. It also enables the waveform
segment to be scaled in time to produce different frequency shifted versions of the same
waveform simply by changing the waveform sample rate.


Podobny numer części - M9336A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
More results

Podobny opis - M9336A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M3201A KEYSIGHT-M3201A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3202A KEYSIGHT-M3202A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
   Arbitrary Waveform Generator
logo
Keysight Technologies
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
   Arbitrary Waveform Generator
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
   Arbitrary Waveform Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
logo
Keysight Technologies
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
   Function/Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com