Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M9379A Arkusz danych(PDF) 10 Page - Keysight Technologies

Numer części M9379A
Szczegółowy opis  M9379A RF Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9379A Arkusz danych(HTML) 10 Page - Keysight Technologies

Back Button M9379A Datasheet HTML 4Page - Keysight Technologies M9379A Datasheet HTML 5Page - Keysight Technologies M9379A Datasheet HTML 6Page - Keysight Technologies M9379A Datasheet HTML 7Page - Keysight Technologies M9379A Datasheet HTML 8Page - Keysight Technologies M9379A Datasheet HTML 9Page - Keysight Technologies M9379A Datasheet HTML 10Page - Keysight Technologies M9379A Datasheet HTML 11Page - Keysight Technologies M9379A Datasheet HTML 12Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 | Keysight | M9379A RF Amplifier - Data Sheet
General Characteristics continued
EMC, safety, environment and compliance
Description
Specification
EMC
European Council Directive 2014/30/EC
IEC 61326-1:2012
EN 61326-1:2013
CISPR 11:2009 +A1:2010
EN 55011: 2009 +A1:2010
Group 1, Class A
IEC 61000-4-2:2008
EN 61000-4-2:2009
4 kV CD / 8 kV AD
IEC 61000-4-3:2006 +A1:2007 +A2:2010
EN 61000-4-3:2006 +A1:2008 +A2:2010
3 V/m, 80-1000 MHz, 1.4 - 2.0 GHz / 1V/m, 2.0 - 2.7 GHz, 80% AM
IEC 61000-4-4:2004 +A1:2010
EN 61000-4-4:2004 +A1:2010
2 kV power lines / 0.5 kV signal lines
IEC 61000-4-5:2005
EN 61000-4-5:2006
1 kV line-line / 2 kV line-ground
IEC 61000-4-6:2008
EN 61000-4-6:2009
3 V, 0.15-80 MHz, 80% AM
IEC 61000-4-8:2009
EN 61000-4-8:2010
30A/m, 50/60Hz
IEC 61000-4-11:2004
EN 61000-4-11:2004
0.5-300 cycle, 0% / 70%
ICES-001:2006 Group 1, Class A
AS/NZS CISPR11:2004
Group 1, Class A
KN11, KN61000-6-1 and KN61000-6-2
Group 1, Class A
Environment
This product complies with the WEEE Directive (2002/96/EC) marking requirements. The affixed label
indicates that you must not discard this electrical/electronic product in domestic household waste.
Product Category: With reference to the equipment types in the WEEE Directive Annex I, this product is
classed as a “Monitoring and Control instrumentation” product.
Do not dispose in domestic household waste.
To return unwanted products, contact your local Keysight office, or see http://www.keysight.com/
environment/product/ for more information.


Podobny numer części - M9379A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
   IF Filter for Audio Applications
logo
Keysight Technologies
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9372A KEYSIGHT-M9372A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
More results

Podobny opis - M9379A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Spectrum Microwave, Inc...
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
   RF AMPLIFIER
QB-166 SPECTRUM-QB-166 Datasheet
42Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
4CX5000A CPI-4CX5000A Datasheet
96Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-204 SPECTRUM-QBH-204 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-223 SPECTRUM-QBH-223 Datasheet
57Kb / 1P
   RF AMPLIFIER
QBH-817 SPECTRUM-QBH-817 Datasheet
58Kb / 1P
   RF AMPLIFIER
QBH-842 SPECTRUM-QBH-842 Datasheet
59Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
8560AS CPI-8560AS Datasheet
92Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-5169 SPECTRUM-QBH-5169 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-5403 SPECTRUM-QBH-5403 Datasheet
40Kb / 1P
   RF AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com