Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M9336A-M04 Arkusz danych(PDF) 3 Page - Keysight Technologies

Numer części M9336A-M04
Szczegółowy opis  M9336A PXIe I/Q Arbitrary Waveform Generator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9336A-M04 Arkusz danych(HTML) 3 Page - Keysight Technologies

  M9336A-M04 Datasheet HTML 1Page - Keysight Technologies M9336A-M04 Datasheet HTML 2Page - Keysight Technologies M9336A-M04 Datasheet HTML 3Page - Keysight Technologies M9336A-M04 Datasheet HTML 4Page - Keysight Technologies M9336A-M04 Datasheet HTML 5Page - Keysight Technologies M9336A-M04 Datasheet HTML 6Page - Keysight Technologies M9336A-M04 Datasheet HTML 7Page - Keysight Technologies M9336A-M04 Datasheet HTML 8Page - Keysight Technologies M9336A-M04 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
03 | Keysight | M9336A I/Q Arbitrary Waveform Generator - Data Sheet
M9336A PXIe I/Q Arbitrary Waveform Generator
The M9336A AWG delivers exceptional performance for creation of complex wideband
waveforms. Multiple, 540 MHz bandwidth channels with 16-bit resolution and up to a
1.28 GSa/s sampling rate are provided in a single-slot PXIe instrument. This enables
the AWG to generate wide bandwidth signals with low Error Vector Magnitude (EVM),
making it ideal for creating baseband waveforms for wireless communications, radar, and
satellite. The AWG can also be combined with a wideband I/Q upconverter/modulator,
resulting in modulation bandwidths of 1 GHz at RF frequencies for signal simulations
employed in functional testing of chip sets designed for modern digital communications
radios.
The AWG includes advanced sequencing and triggering modes which can be used to
create complex waveforms and event-based signal simulations. In addition to the driver
API provided with the instrument, the AWG provides a comprehensive soft front panel
(SFP) which speeds test development and debug by enabling the user to interactively
control the module.
Figure 1. M9336A AWG block diagram.


Podobny numer części - M9336A-M04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
More results

Podobny opis - M9336A-M04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M3201A KEYSIGHT-M3201A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3202A KEYSIGHT-M3202A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
   Arbitrary Waveform Generator
logo
Keysight Technologies
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
   Arbitrary Waveform Generator
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
   Arbitrary Waveform Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
logo
Keysight Technologies
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
   Function/Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com