Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M9391A-F06 Arkusz danych(PDF) 5 Page - Keysight Technologies

Numer części M9391A-F06
Szczegółowy opis  M9391A PXIe Vector Signal Analyzer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9391A-F06 Arkusz danych(HTML) 5 Page - Keysight Technologies

  M9391A-F06 Datasheet HTML 1Page - Keysight Technologies M9391A-F06 Datasheet HTML 2Page - Keysight Technologies M9391A-F06 Datasheet HTML 3Page - Keysight Technologies M9391A-F06 Datasheet HTML 4Page - Keysight Technologies M9391A-F06 Datasheet HTML 5Page - Keysight Technologies M9391A-F06 Datasheet HTML 6Page - Keysight Technologies M9391A-F06 Datasheet HTML 7Page - Keysight Technologies M9391A-F06 Datasheet HTML 8Page - Keysight Technologies M9391A-F06 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
05 | Keysight | M9391A PXIe Vector Signal Analyzer - Data Sheet
Technical Specifications and Characteristics
Block diagram
M9300A PXIe Frequency Reference
Ref In
100 MHz PLL
10 MHz OCXO
TIMEBASE
100 MHz
Out 1
100 MHz
Out 2
100 MHz
Out 3
100 MHz
Out 4
100 MHz
Out 5
100 MHz
10 MHz Out
10 MHz
OXCO Out
10 MHz
/10
Divide
by 10
(1 to 110 MHz)
(+13 dBm sine
all 100 MHz Outs)
(10 MHz, +10 dBm
to 16 dBm, sine)
Divide
by 1-2-4-8
PLL
M9301A PXIe Synthesizer
Banded
Switched
Filter
Bank
100 MHz
Out
100 MHz In
Divide
by 1 or 2
850 MHz
RF/LO Out 1A
RF/LO Out 1B
(+13 dBm Typical)
(+13 dBm
Typical)
3 dB
3 dB
3 dB
3 dB
3 dB
3 dB
(RF Outputs: 187.5 MHz to 6 GHz)
(-10 dBm to +10 dBm)
3 GHz to 6 GHz
External Trigger Trig 2 (front)
to PXI Backplane
RF/LO Out 2A
RF/LO Out 2B
Step
Atten
Switched
Preselector
Filters
IF
Calibrator
RF
Calibrator
RF
LO
IF
RF
LO
IF
Single Conversion Path
RF
LO
IF
RF
LO
IF
2.1 GHz
BPF
3.9 GHz
BPF
Image Protect Path
IF Conditioning
/ Filtering
RF IN
1 MHz to 6 GHz
IF Out
LO In
M9350A PXIe RF Downconverter
Pre-amp
Preselect
Bypass
st
1 LO
LO
2nd
X 36
X 24
100 MHz Out
M9214A IF Digitizer
100 MHz In
IF In
(+10 dBm typical)
Clocks
Clock
Generator
Signal
Conditioning
ADC
&
Signal
Conditioning
RAM
FPGA
Signal
Processing
ASIC
300 MHz
BPF
100 MHz In
Figure 3. M9391A PXIe vector signal analyzer block diagram with four modules consisting of the M9301A synthesizer, M9350A downconverter, M9214A digitizer
and optional M9300A frequency reference.


Podobny numer części - M9391A-F06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Podobny opis - M9391A-F06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com