Zakładka z wyszukiwarką danych komponentów |
|
M9380A-F06 Arkusz danych(PDF) 5 Page - Keysight Technologies |
|
M9380A-F06 Arkusz danych(HTML) 5 Page - Keysight Technologies |
5 / 17 page 05 | Keysight | M9380A PXIe CW Source 1 MHz to 3 GHz or 6 GHz - Data Sheett Frequency range Option F03 1 MHz to 3 GHz Option F06 1 MHz to 6 GHz Resolution 0.01 Hz Frequency switching speed 1 ≤ 5 ms, nominal Frequency reference (M9300A PXIe frequency reference module) Reference outputs 100 MHz Out (Out 1 through Out 5) Amplitude ≥ 10 dBm 13 dBm, typical Connectors 5 SMB snap-on Impedance 50 Ω, nominal 10 MHz Out Amplitude 9.5 dBm, nominal Connectors 1 SMB snap-on Impedance 50 Ω, nominal OCXO Out Amplitude 11.5 dBm, nominal Connectors 1 SMB snap-on Impedance 50 Ω, nominal 1. Mean time from IVI command to carrier frequency settled within 1 ppm or 1 kHz whichever is greater and amplitude settled within 0.2 dB (at the controlled temperature range) or within 0.5 dB (at the full temperature range). If the ALC is off, the settle limit is 0.5 dB above +10 dBm, (at the controlled temperature range). Simulataneous carrier frequency and amplitude switching. Technical Specifications and Characteristics (continued) Frequency |
Podobny numer części - M9380A-F06 |
|
Podobny opis - M9380A-F06 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |