Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M9300A-UK6 Arkusz danych(PDF) 2 Page - Keysight Technologies

Numer części M9300A-UK6
Szczegółowy opis  M9380A PXIe CW Source
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9300A-UK6 Arkusz danych(HTML) 2 Page - Keysight Technologies

  M9300A-UK6 Datasheet HTML 1Page - Keysight Technologies M9300A-UK6 Datasheet HTML 2Page - Keysight Technologies M9300A-UK6 Datasheet HTML 3Page - Keysight Technologies M9300A-UK6 Datasheet HTML 4Page - Keysight Technologies M9300A-UK6 Datasheet HTML 5Page - Keysight Technologies M9300A-UK6 Datasheet HTML 6Page - Keysight Technologies M9300A-UK6 Datasheet HTML 7Page - Keysight Technologies M9300A-UK6 Datasheet HTML 8Page - Keysight Technologies M9300A-UK6 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Overview
Introduction
With high-power levels and accurate measurements, the M9380A CW
source provides the Keysight Technologies, Inc. quality and performance
in the PXI form factor—a trusted Keysight product with global services and
support, fast repair and a wide scope of calibration utilities.
Product description
The M9380A PXIe CW source is a compact modular solution that
provides frequency coverage from 1 MHz to 3 or 6 GHz. A typical M9380A
configuration includes three individual PXIe modules—M9310A source
output, M9301A synthesizer and the M9300A frequency reference—
designed for fast data interfaces and high-speed automated test systems.
Instrument control is provided through a soft front panel and programmatic
interfaces tuned to your application development environment of choice.
Product features
– Frequency coverage from 1 MHz to 3 or 6 GHz
– Output power of +18 dBm across the frequency range
– Output power level of +19 dBm from 1 MHz to 5 GHz
– Better than ±0.4 dB absolute amplitude accuracy
– License key upgraded frequency range and output power
– One day startup assistance
– Chassis slot compatibility: PXIe slot
Uncompromising values
– Keeps costs manageable—purchase what you need today and
easily upgrade later using license-key upgrades without returning your
modules to Keysight.
– Reduces development time and simplifies integration into existing test
environments with multiple drivers and programmatic interfaces.
– Reduces startup time with Keysight IO libraries easy configuration,
one-step software install, and integrated instrument level CW source
soft front panel.
– Fast repair turnaround time with calibrated core exchange strategy.
Applications
– Aerospace and defense
– Interference injection
– LO substitution
– Wireless component test
Figure 1. M9380A PXIe CW source with three
modules consisting of the M9310A PXIe source
output, M9301A PXIe synthesizer, and M9300A
PXIe frequency reference.


Podobny numer części - M9300A-UK6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
M9300A-UK6 KEYSIGHT-M9300A-UK6 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9300A-UK6 KEYSIGHT-M9300A-UK6 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
More results

Podobny opis - M9300A-UK6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
M9380A KEYSIGHT-M9380A Datasheet
3Mb / 17P
   M9380A PXIe CW Source
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9111A KEYSIGHT-M9111A Datasheet
1Mb / 11P
   PXIe High-Speed Source/Measure Unit
logo
Emcore Corporation
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM_12 Datasheet
509Kb / 6P
   DWDM High Power CW Source Laser
logo
Keysight Technologies
M9111A KEYSIGHT-M9111A_18 Datasheet
1Mb / 11P
   M9111A PXIe High-Speed Source/Measure Unit
logo
Emcore Corporation
1782A EMCORE-1782A Datasheet
181Kb / 6P
   DWDM High Power CW Source Laser
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM Datasheet
700Kb / 6P
   DWDM High Power CW Source Laser
logo
Keysight Technologies
M924XA KEYSIGHT-M924XA Datasheet
3Mb / 21P
   InfiniiVision PXIe Modular Oscilloscopes
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9010A KEYSIGHT-M9010A Datasheet
2Mb / 13P
   M9010A PXIe Chassis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com