Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M9378B Arkusz danych(PDF) 5 Page - Keysight Technologies

Numer części M9378B
Szczegółowy opis  M9485A PXIe Multiport Vector Network Analyzer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9378B Arkusz danych(HTML) 5 Page - Keysight Technologies

  M9378B Datasheet HTML 1Page - Keysight Technologies M9378B Datasheet HTML 2Page - Keysight Technologies M9378B Datasheet HTML 3Page - Keysight Technologies M9378B Datasheet HTML 4Page - Keysight Technologies M9378B Datasheet HTML 5Page - Keysight Technologies M9378B Datasheet HTML 6Page - Keysight Technologies M9378B Datasheet HTML 7Page - Keysight Technologies M9378B Datasheet HTML 8Page - Keysight Technologies M9378B Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
05 | Keysight | M9485A PXIe Multiport Vector Network Analyzer 1 MHz/50 MHz to 9 GHz - Data Sheet
Corrected system performance with calibration kit
Corrected system performance with 3.5 mm device connector type, 85033E
calibration kit
Network analyzer: M9485A -1xx (Receiver: M9376A)
Calibrationkit:
85033E(3.5mm,50Ω)
Calibration:
full 2-port
IF bandwidth = 10 Hz, no averaging applied to data, environmental temperature
= 23 °C (± 3 °C) with < 1 °C deviation from calibration temperature, isolation calibration
performed
Typical (dB)
Description
1M to 10 MHz
10 M to 3 GHz
3 G to 6 GHz
6 G to 9 GHz
Directivity
46
44
38
38
Source match
43
40
37
36
Load match
46
44
38
38
Reflection tracking
± 0.006
± 0.007
± 0.009
± 0.010
Transmission tracking
± 0.023
± 0.020
± 0.058
± 0.079
Transmission uncertainty (typical)
Reflection uncertainty (typical)


Podobny numer części - M9378B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
   IF Filter for Audio Applications
logo
Keysight Technologies
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9372A KEYSIGHT-M9372A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
More results

Podobny opis - M9378B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Keysight Technologies
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
   Vector Network Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com