Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M9393A-B16 Arkusz danych(PDF) 7 Page - Keysight Technologies

Numer części M9393A-B16
Szczegółowy opis  M9393A PXIe Performance Vector Signal Analyzer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9393A-B16 Arkusz danych(HTML) 7 Page - Keysight Technologies

Back Button M9393A-B16 Datasheet HTML 3Page - Keysight Technologies M9393A-B16 Datasheet HTML 4Page - Keysight Technologies M9393A-B16 Datasheet HTML 5Page - Keysight Technologies M9393A-B16 Datasheet HTML 6Page - Keysight Technologies M9393A-B16 Datasheet HTML 7Page - Keysight Technologies M9393A-B16 Datasheet HTML 8Page - Keysight Technologies M9393A-B16 Datasheet HTML 9Page - Keysight Technologies M9393A-B16 Datasheet HTML 10Page - Keysight Technologies M9393A-B16 Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
07 | Keysight | M9393A PXIe Performance Vector Signal Analyzer – Data Sheet
Technical Specifications and Characteristics
Standard Configuration - Options F08, F14, F18, F27
Frequency (cont’d)
Frequency switching speed 7, 8
List mode switching speed 9
Band
Standard, nominal
Option UNZ, nominal
Baseband frequency offset change 11
< 40 MHz
≥ 40 MHz to ≤ 100 MHz
> 100 MHz to < 180 MHz
≥ 180 MHz
5 ms
26 µs
12 µs
95 µs
11 µs
Arbitrary frequency change within:
0: < 3.6 GHz
1: 3.6 to 8.4 GHz
2: 8.4 to 13.6 GHz
3: 13.6 to 17.1 GHz
4: 17.1 to 27 GHz
5 ms
175 µs
135 µs
135 µs
155 µs
145 µs
Non-list mode switching speed 10
Standard, nominal
Option UNZ, nominal
Baseband frequency offset change 11
5 ms
250 µs
Arbitrary frequency change
5 ms
1 ms
Resolution bandwidth (RBW)
Minimum RBW
1 Hz
Maximum span:RBW ratio 12
135 x 106
Maximum RBW (ENBW)
IF dither OFF
IF dither ON
Flat top (160 MHz IF)
31.25 MHz
27.3 MHz
Flat top (40 MHz IF)
7.8 MHz
3.9 MHz
Gaussian top (160 MHz)
19.4 MHz
16.99 MHz
Gaussian top (40 MHz)
4.8 MHz
2.4 MHz
Video bandwidth (VBW)
Range
1 Hz to maximum RBW and wide open to 50 MHz
Accuracy
VBW is implemented by averaging to achieve a similar variance reduction effect for the same VBW value.
Frequency span
Range
Single FFT: 800 Hz to 160 MHz
Stepped: 800 Hz to 27 GHz
Resolution
2 Hz
7.
When used with the M9018A PXIe chassis (2-link configuration: 1 x 8 [factory default]) and M9037A PXIe embedded controller.
8.
Settled to within 2 kHz or 1 ppm, whichever is greater of final value. Does not include data acquisition or processing time.
Amplitude settled to within 0.1 dB. Channel filter set to none.
9.
Time from trigger input to frequency and amplitude settled. Minimum IQ sample rate ≥ 6 MHz. Minimum spectrum acquisition ≥ 4.8 MHz.
Minimum power acquisition channel filter bandwidth ≥ 4.8 MHz. For frequency changes crossing 3.6 GHz with option UNZ, switching time is 2 ms.
For frequency changes crossing any other bands with option UNZ, switching time is < 300 µs.
10. Mean time from IVI command to carrier frequency settled to within 2 kHz or 1 ppm, whichever is greater. Amplitude settled within 0.1 dB.
Simultaneous carrier frequency and amplitude switching. For frequency changes crossing 3.6 GHz with option UNZ, switching time is 2 ms.
11. Baseband offset can be adjusted ± from carrier frequency within limits determined by RF analysis bandwidth and IF filter bandwidth.
Synthesizer frequency and amplitude are not changing. Baseband offset settled to within 2 kHz.
12. Indicates minimum RBW which can be set for a given measurement span in 64-bit, stepped spectrum acquisition mode.


Podobny numer części - M9393A-B16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9393A KEYSIGHT-M9393A Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9393A KEYSIGHT-M9393A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Podobny opis - M9393A-B16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com