Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M9393A-P08 Arkusz danych(PDF) 4 Page - Keysight Technologies

Numer części M9393A-P08
Szczegółowy opis  M9393A PXIe Performance Vector Signal Analyzer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9393A-P08 Arkusz danych(HTML) 4 Page - Keysight Technologies

  M9393A-P08 Datasheet HTML 1Page - Keysight Technologies M9393A-P08 Datasheet HTML 2Page - Keysight Technologies M9393A-P08 Datasheet HTML 3Page - Keysight Technologies M9393A-P08 Datasheet HTML 4Page - Keysight Technologies M9393A-P08 Datasheet HTML 5Page - Keysight Technologies M9393A-P08 Datasheet HTML 6Page - Keysight Technologies M9393A-P08 Datasheet HTML 7Page - Keysight Technologies M9393A-P08 Datasheet HTML 8Page - Keysight Technologies M9393A-P08 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
04 | Keysight | M9393A PXIe Performance Vector Signal Analyzer – Data Sheet
Technical Specifications and
Characteristics
Definitions for specifications
Temperatures referred to in this document are defined as
follows:
– Full temperature range = Individual module temperature
of 15 to 75 °C, as reported by the module, and
environment temperature of 0 to 55 °C.
– Controlled temperature range = Individual module
temperature of 36 to 50 °C, as reported by the module,
and environment temperature of 20 to 30 °C.
Specifications describe the warranted performance of
calibrated instruments. Data represented in this document
are specifications under the following conditions unless
otherwise noted.
– Calibrated instruments have been stored for a minimum
of 2 hours within the full temperature range
– 30 minute warm-up time
– Calibration cycle maintained
– When used with Keysight M9300A frequency reference
and Keysight interconnect cables
Characteristics describe product performance that is useful
in the application of the product, but that is not covered by
the product warranty. Characteristics are often referred to
as Typical or Nominal values and are italicized.
Typical describes characteristic performance, which
80% of instruments will meet when operated within the
controlled temperature range.
Nominal describes representative performance that is
useful in the application of the product when operated
within the controlled temperature range.
95th percentile values indicate the breadth of the
population (approx. 2 s of performance tolerances
expected to be met in 95 percent of the cases with a
95 percent confidence, for any ambient temperature in
the range of 20 to 30 °C. In addition to the statistical
observations of a sample of instruments, these values
include the effects of the uncertainties of external
calibration references. These values are not warranted.
These values are updated occasionally if a significant
change in the statistically observed behavior of
production instruments is observed.
Recommended best practices in use
– Use slot blockers and EMC filler panels in empty module
slots to ensure proper operating temperatures. Keysight
chassis and slot blockers optimize module temperature
performance and reliability of test.
– Set chassis fan to high at environmental temperatures
above 45 °C.
Conversion type operating range
Conversion types
Frequency range
Auto
All frequencies
Double conversion
9 kHz to 3.6 GHz
Single high
3.6 GHz to max frequency
Single low
3.6 GHz to max frequency
Additional information
– Mixer level offset modifies the receiver gain prior to the
first mixer of the receiver. A negative setting improves
distortion (i.e., TOI) at the cost of noise performance
(i.e., DANL). A positive setting improves noise
performance at the cost of distortion.
– The PeakToAverage property is used with expected
RF Power property to optimize level settings in the
Downconverter. Set this to the ratio, in dB, of the peak
power to the average power. The Downconverter uses
this value to optimize mixer level, IF gain, and ADC
clip level.
– IF Level Offset (dB) provides additional adjustment of
IF power level. Positive values reduce noise. Negative
values reduce distortion.
– Digitizer Level Offset (dB) provides additional adjustment
of Downconverter IF power to the digitizer. Positive values
increase power to the digitizer. Negative values decrease
power to the digitizer.
– All graphs contain measured data from one unit and
are representative of product performance within the
controlled temperature range unless otherwise noted.
– Default conditions apply, unless otherwise noted.
– The specifications contained in this document are
subject to change.


Podobny numer części - M9393A-P08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9393A KEYSIGHT-M9393A Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9393A KEYSIGHT-M9393A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Podobny opis - M9393A-P08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com