Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST16C654D Arkusz danych(PDF) 7 Page - Exar Corporation

Numer części ST16C654D
Szczegółowy opis  QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C654D Arkusz danych(HTML) 7 Page - Exar Corporation

Back Button ST16C654D Datasheet HTML 3Page - Exar Corporation ST16C654D Datasheet HTML 4Page - Exar Corporation ST16C654D Datasheet HTML 5Page - Exar Corporation ST16C654D Datasheet HTML 6Page - Exar Corporation ST16C654D Datasheet HTML 7Page - Exar Corporation ST16C654D Datasheet HTML 8Page - Exar Corporation ST16C654D Datasheet HTML 9Page - Exar Corporation ST16C654D Datasheet HTML 10Page - Exar Corporation ST16C654D Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
ST16C654/654D
5-71
Rev. 4.10
SYMBOL DESCRIPTION
dition exists. Interrupt conditions include: receiver errors,
available receiver buffer data, transmit buffer empty, or
when a modem status flag is detected. When the 68 mode
is selected, the functions of these pins are reassigned. 68
mode functions are described under the their respective
name/pin headings.
INTSEL
65
87
-
I
Interrupt Select. (active high, with internal pull-down) - This
function is associated with the 16 mode only. When the 16
mode is selected, this pin can be used in conjunction with
MCR bit-3 to enable or disable the three state interrupts, INT
A-D or override MCR bit-3 and force continuous interrupts.
Interrupt outputs are enabled continuously by making this
pin a logic 1. Making this pin a logic 0 allows MCR bit-3 to
control the three state interrupt output. In this mode, MCR
bit-3 is set to a logic “1” to enable the three state outputs.
This pin is disabled in the 68 mode. Due to pin limitations on
64 pin packages, this pin is not available. To cover this
limitation, two 64 pin QFP package versions are offered.
The ST16C654DCQ64 operates in the continuos interrupt
enable mode by bonded this pin to VCC internally. The
ST16C654CQ64 operates with MCR bit-3 control by bond-
ing this pin to GND.
-IOR
52
66
40
I
Input/Output Read. (active low Strobe) - This function is
associated with the 16 mode only. A logic 0 transition on this
pin will load the contents of an Internal register defined by
address bits A0-A2 onto the ST16C654 data bus (D0-D7) for
access by an external CPU. This pin is disabled in the 68
mode.
-IOW
18
15
9
I
Input/Output Write. (active low strobe) - This function is
associated with the 16 mode only. A logic 0 transition on this
pin will transfer the contents of the data bus (D0-D7) from
the external CPU to an internal register that is defined by
address bits A0/A2. When the 16 mode is selected (68/100
pin devices), this pin functions as R/-W, see definition under
R/W.
-IRQ
15
12
-
O
Interrupt Request or Interrupt “A” - This function is associ-
Symbol
Pin
Signal
Pin Description
68
100
64
type


Podobny numer części - ST16C654D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C654D EXAR-ST16C654D Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654DCQ64 EXAR-ST16C654DCQ64 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654DCQ64 EXAR-ST16C654DCQ64 Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654DIQ64 EXAR-ST16C654DIQ64 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654DIQ64 EXAR-ST16C654DIQ64 Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results

Podobny opis - ST16C654D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
   Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
   Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
logo
Exar Corporation
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
   Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754B TI-TL16C754B Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com