Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MP1601 Arkusz danych(PDF) 15 Page - Monolithic Power Systems

Numer części MP1601
Szczegółowy opis  1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPS [Monolithic Power Systems]
Strona internetowa  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1601 Arkusz danych(HTML) 15 Page - Monolithic Power Systems

Back Button MP1601 Datasheet HTML 11Page - Monolithic Power Systems MP1601 Datasheet HTML 12Page - Monolithic Power Systems MP1601 Datasheet HTML 13Page - Monolithic Power Systems MP1601 Datasheet HTML 14Page - Monolithic Power Systems MP1601 Datasheet HTML 15Page - Monolithic Power Systems MP1601 Datasheet HTML 16Page - Monolithic Power Systems MP1601 Datasheet HTML 17Page - Monolithic Power Systems MP1601 Datasheet HTML 18Page - Monolithic Power Systems MP1601 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP1601 – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH 11µA IQ
MP1601 Rev. 1.0
www.MonolithicPower.com
15
3/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
HS_ driver
VREF
VFB
COT
Generator
EN
IAAM
IL_ sense
R
SQ
FBCOMP
AAMCOMP
Figure 5: Simplified AAM Control Logic
Figure 6: AAM Comparator Control TON
The AAM comparator pulse is shorter than the
on-time generator. The mode of operation is
shown below in Figure 7. This usually occurs
when using a very small inductance.
Figure 7: On-Time Control (TON)
Besides the upper on-time method, the AAM
circuit has another 150ns AAM blank time in
sleep mode. If the on-timer is less than 150ns,
the high-side MOSFET may turn off after the
on-time generator pulse without AAM control.
The on-time pulse at sleep mode is around 40%
larger than that in DCM or CCM. In this
condition, IL may not reach the AAM threshold
(see Figure 8).
Figure 8: AAM Blank Time in Sleep Mode
Figure 9 shows the AAM threshold decreasing
and TON increasing gradually. For CCM state,
IOUT requires more than half of the AAM
threshold.
Figure 9: AAM Threshold Decreases with TON
Increasing
The MP1601 uses ZCD to detect if the inductor
current begins reversing. When the inductor
current reaches the ZCD threshold, the low-side
switch is turned off.
AAM mode and the ZCD circuit together cause
the MP1601 to work in DCM in light load
continuously, even if VOUT is close to VIN.
Enable (EN)
When the input voltage is greater than the
under-voltage
lockout
(UVLO)
threshold
(typically 2V), the MP1601 can be enabled by
pulling EN higher than 1.2V. Floating EN or
pulling it down to ground disables the MP1601.
There is an internal 1MΩ resistor from EN to
ground.
When the device is disabled, the MP1601 goes
into output discharge mode automatically. Its
internal discharge MOSFET provides a resistive
discharge path for the output capacitor.
Soft Start (SS)
The MP1601 has a built-in soft start that ramps
up the output voltage at a controlled slew rate
to avoid overshooting at start-up. The soft start
time is about 0.5ms, typically.


Podobny numer części - MP1601

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MP1601A MPS-MP1601A Datasheet
1Mb / 17P
   1A Synchronous Step-down Converter with Forced CCM Mode
MP1601AGTF MPS-MP1601AGTF Datasheet
1Mb / 17P
   1A Synchronous Step-down Converter with Forced CCM Mode
More results

Podobny opis - MP1601

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MP2141N MPS-MP2141N Datasheet
1Mb / 19P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1605 MPS-MP1605 Datasheet
1Mb / 18P
   2A, Synchronous, Step-Down Converter with Low 11uA Quiescent Current
MP4431 MPS-MP4431 Datasheet
1Mb / 27P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
EV2141N-TF-00A MPS-EV2141N-TF-00A Datasheet
357Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in a Tiny SOT
logo
Linear Technology
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
logo
Monolithic Power System...
MP2148 MPS-MP2148 Datasheet
702Kb / 20P
   1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
EV2148-QD-00B MPS-EV2148-QD-00B Datasheet
395Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
logo
Linear Technology
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com