Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MP2141N Arkusz danych(PDF) 19 Page - Monolithic Power Systems

Numer części MP2141N
Szczegółowy opis  1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPS [Monolithic Power Systems]
Strona internetowa  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2141N Arkusz danych(HTML) 19 Page - Monolithic Power Systems

Back Button MP2141N Datasheet HTML 11Page - Monolithic Power Systems MP2141N Datasheet HTML 12Page - Monolithic Power Systems MP2141N Datasheet HTML 13Page - Monolithic Power Systems MP2141N Datasheet HTML 14Page - Monolithic Power Systems MP2141N Datasheet HTML 15Page - Monolithic Power Systems MP2141N Datasheet HTML 16Page - Monolithic Power Systems MP2141N Datasheet HTML 17Page - Monolithic Power Systems MP2141N Datasheet HTML 18Page - Monolithic Power Systems MP2141N Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
MP2141N
– 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH 11µA I
Q
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP2141N Rev. 1.12
www.MonolithicPower.com
19
7/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PACKAGE INFORMATION
SOT563
PACKAGE OUTLINE DRAWING FOR 6L SOT563
MF-PO-D-0250 revision 1.0
FRONT VIEW
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH,
PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH
OR PROTRUSION.
4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING)
SHALL BE 0.10 MILLIMETERS MAX.
5) DRAWING IS NOT TO SCALE.
TOP VIEW
BOTTOM VIEW
RECOMMENDED LAND PATTERN
SIDE VIEW
PIN 1 ID


Podobny numer części - MP2141N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MP2141NGTF MPS-MP2141NGTF Datasheet
357Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in a Tiny SOT
More results

Podobny opis - MP2141N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1605 MPS-MP1605 Datasheet
1Mb / 18P
   2A, Synchronous, Step-Down Converter with Low 11uA Quiescent Current
MP4431 MPS-MP4431 Datasheet
1Mb / 27P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
EV2141N-TF-00A MPS-EV2141N-TF-00A Datasheet
357Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in a Tiny SOT
logo
Linear Technology
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
logo
Monolithic Power System...
MP2148 MPS-MP2148 Datasheet
702Kb / 20P
   1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
EV2148-QD-00B MPS-EV2148-QD-00B Datasheet
395Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
logo
Linear Technology
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com