Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NCV8560 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części NCV8560
Szczegółowy opis  High Performance Low-Power, LDO Regulator with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8560 Arkusz danych(HTML) 1 Page - ON Semiconductor

  NCV8560_17 Datasheet HTML 1Page - ON Semiconductor NCV8560_17 Datasheet HTML 2Page - ON Semiconductor NCV8560_17 Datasheet HTML 3Page - ON Semiconductor NCV8560_17 Datasheet HTML 4Page - ON Semiconductor NCV8560_17 Datasheet HTML 5Page - ON Semiconductor NCV8560_17 Datasheet HTML 6Page - ON Semiconductor NCV8560_17 Datasheet HTML 7Page - ON Semiconductor NCV8560_17 Datasheet HTML 8Page - ON Semiconductor NCV8560_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2013
February, 2017 − Rev. 5
1
Publication Order Number:
NCV8560/D
NCV8560
High Performance
Low-Power, LDO Regulator
with Enable
The NCV8560 provides 150 mA of output current at fixed voltage
options, or an adjustable output voltage from 5.0 V down to 1.250 V. It
is designed for portable battery powered applications and offers high
performance features such as low power operation, fast enable
response time, and low dropout.
The device is designed to be used with low cost ceramic capacitors
and is packaged in the DFN6, 3x3 and TSOP−5 packages.
Features
Output Voltage Options:
Adjustable, 1.3 V, 1.5 V, 1.8 V, 2.5 V, 2.8 V, 3.0 V, 3.3 V, 3.5 V, 5.0 V
Ultra−Low Dropout Voltage of 150 mV at 150 mA
Adjustable Output by External Resistors from 5.0 V down to 1.250 V
Fast Enable Turn−on Time of 15 ms
Wide Supply Voltage Range Operating Range
Excellent Line and Load Regulation
High Accuracy up to 1.5% Output Voltage Tolerance over All
Operating Conditions
Typical Noise Voltage of 50 mVrms without a Bypass Capacitor
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
Typical Applications
SMPS Post−Regulation
Hand−held Instrumentation
Noise Sensitive Circuits – VCO, RF Stages, etc.
Camcorders and Cameras
Figure 1. Simplified Block Diagram
Driver w/
Current Limit
Thermal
Shutdown
-
+
ENABLE
VOUT
ADJ
GND
VIN
+
1.25 V
Fixed Voltage Only
Adjustable Version Only
MARKING DIAGRAMS
www.onsemi.com
V8560 or AQ = Specific Device Code
xxx
= ADJ, 150, 180, 250, 280,
300, 330, 350 or 500
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb−Free Package
DFN6
MN SUFFIX
CASE 488AE
See detailed ordering and shipping information in the
package dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)
V8560
xxx
ALYW
G
TSOP−5
SN SUFFIX
CASE 483
1
5
xxxAYW
G
G
xxx
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
TSOP−5
DFN6
DFN6
MN SUFFIX
CASE 506BA
AQ M
G
G
1
1


Podobny numer części - NCV8560_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV8560 ONSEMI-NCV8560_13 Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
More results

Podobny opis - NCV8560_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCP600 ONSEMI-NCP600 Datasheet
107Kb / 13P
   High Performance Low-Power, LDO Regulator with Enable
September, 2006 ??Rev. 3
NCP600SN350T1G ONSEMI-NCP600SN350T1G Datasheet
171Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
NCV8560 ONSEMI-NCV8560 Datasheet
178Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
May, 2008 ??Rev. 1
NCV8560 ONSEMI-NCV8560_13 Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com