Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NCV47710 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części NCV47710
Szczegółowy opis  Adjustable LDO Adjustable Current Limit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47710 Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button NCV47710_17 Datasheet HTML 3Page - ON Semiconductor NCV47710_17 Datasheet HTML 4Page - ON Semiconductor NCV47710_17 Datasheet HTML 5Page - ON Semiconductor NCV47710_17 Datasheet HTML 6Page - ON Semiconductor NCV47710_17 Datasheet HTML 7Page - ON Semiconductor NCV47710_17 Datasheet HTML 8Page - ON Semiconductor NCV47710_17 Datasheet HTML 9Page - ON Semiconductor NCV47710_17 Datasheet HTML 10Page - ON Semiconductor NCV47710_17 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCV47710
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 15. Output Noise Density vs. Frequency
Figure 16. PSRR vs. Frequency
Figure 17. Cout ESR Stability Region vs. Output
Current
0
500
1000
1500
2000
2500
3000
10
1000
100000
FREQUENCY (Hz)
Noise 10 Hz − 100 kHz
Vn = 100.6 mV
100
10000
30
35
40
45
50
55
60
65
70
75
80
10
100
1000
10000
1000000
100000
FREQUENCY (Hz)
Iout = 150 mA
0.01
1
10
100
0
50
100
150
200
250
300
350
Iout, OUTPUT CURRENT (mA)
TJ = 25°C
Vin = Vout_nom + 8.5 V
Cout = 10−100 mF, Cb = none
Unstable Region
Unstable Region
TJ = 25°C
Vin = 13.5 V
Vout_nom = 5 V
Iout = 5 mA
85
90
TJ = 25°C
Vin = 13.5 V
Vout_nom = 5 V
Iout = 5 mA
0.1
Vout = 20 V
Vout = 5 V


Podobny numer części - NCV47710_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV47710PDAJR2G ONSEMI-NCV47710PDAJR2G Datasheet
153Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
More results

Podobny opis - NCV47710_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
NCV47711 ONSEMI-NCV47711_17 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
logo
Maxim Integrated Produc...
MAX8537EVKIT MAXIM-MAX8537EVKIT Datasheet
228Kb / 11P
   Lossless Adjustable Hiccup Current Limit
Rev 0; 7/04
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821 Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
   Adjustable Current Limit Power Distribution Switch
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com